Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWS-1F3683L95-WB Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # DWS-1F3683L95-WB
Description  WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWS-1F3683L95-WB Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  DWS-1F3683L95-WB Datasheet HTML 1Page - JDS Uniphase Corporation DWS-1F3683L95-WB Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: DWS-1F3683L20-WB
WDM FILTER, 100 GHZ EXTRAWIDE PASSBAND,
LOW CD FOR 40 GBPS APPLICATIONS
Channel Frequency
Provided by JDSU upon
customer confirmation
DWS-1F
3L
Code
Fiber Type
2
250 µm fiber1
9
900 µm fiber
Code
Connector Type2
0No connector
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
1. No connector available with this option.
2. Other connectors available upon request.
Product specifications and descriptions in this document subject to change without notice. © 2009 JDS Uniphase Corporation 21030929 007 0309
DWS100GLOWCDITU.DS.CC.AE
March 2009
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Specifications
Parameter
DWS-1Fxxx3Lxx
DWS-1Fxxx3Lxx-WB
Passband width
Minimum
±14.1 GHz (
≈ ±0.115 nm)
±17.5 GHz (±0.14 nm)
Transmission passband ripple
Maximum
0.3 dB
0.3 dB
Reflection passband ripple
Maximum
0.2 dB
0.3 dB
Transmission insertion loss1
Maximum
1.1 dB
1.1 dB
Reflection insertion loss1
Maximum
0.45 dB
0.55 dB
Transmission isolation (adjacent channel)
Minimum
25 dB
23 dB
Transmission isolation (non-adjacent channel)
Minimum
50 dB
50 dB
Reflection isolation
Minimum
16 dB
15 dB
Transmission chromatic dispersion
Maximum
±17 ps/nm
±17 ps/nm
Reflection chromatic dispersion
Maximum
±17 ps/nm
±20 ps/nm
Optical return loss
Minimum
45 dB
45 dB
Directivity
Minimum
50 dB
50 dB
Polarization dependent loss
Maximum
0.1 dB
0.1 dB
Polarization mode dispersion
Maximum
0.1 ps
0.16 ps
Optical power handling
Maximum
1 W
Operating temperature range
-5 to 75°C
Storage temperature range
-40 to 85°C
Fiber type
9/125/250 µm fiber, 9/125/900 µm fiber
Fiber length
1.5±0.1m
Package dimensions (Ø x L)
9/125/250 µm fiber
5.5x35.4 mm (excluding strain reliefs)
9/125/900 µm fiber
5.5x42.9 mm
1. Excludes connector insertion loss
Code
Passband Width
None
±14.1 GHz (
≈ ±0.115 nm)
WB
±17.5 GHz (±0.14 nm)
-


Similar Part No. - DWS-1F3683L95-WB

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
DWS-1F3883P22 JDSU-DWS-1F3883P22 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
DWS-1F3883P23 JDSU-DWS-1F3883P23 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
DWS-1F3883P24 JDSU-DWS-1F3883P24 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
DWS-1F3883P25 JDSU-DWS-1F3883P25 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
More results

Similar Description - DWS-1F3683L95-WB

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
Optoway Technology Inc
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
logo
JDS Uniphase Corporatio...
DWS-2F3883P20 JDSU-DWS-2F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 200 GHz, ITU Component
logo
Sony Corporation
CX23034 SONY-CX23034 Datasheet
474Kb / 11P
   Digital Filter for CD
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
logo
Sony Corporation
CXD2550P SONY-CXD2550P Datasheet
553Kb / 10P
   Digital Filter for CD
logo
MRV Communications, Inc...
EM316-10G-XY MRV-EM316-10G-XY Datasheet
145Kb / 2P
   10 Gbps Converter/Repeater/WDM Transponder
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com