Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDM-CAD0E092 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # WDM-CAD0E092
Description  Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WDM-CAD0E092 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  WDM-CAD0E092 Datasheet HTML 1Page - JDS Uniphase Corporation WDM-CAD0E092 Datasheet HTML 2Page - JDS Uniphase Corporation WDM-CAD0E092 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8CH Mux&Demux
Without Upgrade
4CH Mux&Demux
Without Upgrade
4CH Mux&Demux
With Upgrade
8CH Mux&Demux
With Upgrade
2
COARSE WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER
(CWDM) FILTER
Functional Diagram
Specifications
Parameter
Without Upgrade Port
With Upgrade Ports
4 Ch
8 Ch
4 Ch
8 Ch
Operating wavelength range
Minimum
1260 – 1620 nm
Passband width
Minimum
λc±6.5 nm
Insertion loss1
Mux
Maximum
2.0 dB
3.5 dB
2.3 dB
3.9 dB
Demux
Maximum
2.3 dB
3.8 dB
2.3 dB
4.2 dB
Upgrade
Maximum
N/A
N/A
2.2 dB
1.3 dB
Passband ripple
Maximum
0.35 dB
0.4 dB
0.35 dB
0.4 dB
Mux isolation
Adjacent channel
Minimum
15 dB
Non-adjacent channel
Minimum
15 dB
Demux isolation
Adjacent channel
Minimum
30 dB
Non-adjacent channel
Minimum
50 dB
Upgrade isolatioin
Minimum
N/A
N/A
15 dB
15 dB
Polarization dependent loss
Maximum
0.2 dB
Polarization mode dispersion
Maximum
0.2 ps
Return loss
Minimum
45 dB
Directivity
Minimum
50 dB
Optical power
Maximum
500 mW
Operating temperature range
-40 – 85°C
Storage temperature range
-40 – 85°C
Operating humidity
5 – 85%
1. Including connectors' loss.


Similar Part No. - WDM-CAD0E092

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01001 JDSU-WDM-CAD01001 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01002 JDSU-WDM-CAD01002 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01010 JDSU-WDM-CAD01010 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-CAD01011 JDSU-WDM-CAD01011 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
More results

Similar Description - WDM-CAD0E092

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
   Division Multiplexer/Demultiplexer
logo
JDS Uniphase Corporatio...
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com