Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDX-08MD1044B Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # MDX-08MD1044B
Description  100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-08MD1044B Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  MDX-08MD1044B Datasheet HTML 1Page - JDS Uniphase Corporation MDX-08MD1044B Datasheet HTML 2Page - JDS Uniphase Corporation MDX-08MD1044B Datasheet HTML 3Page - JDS Uniphase Corporation MDX-08MD1044B Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Specifications1
Parameter
1-Channel2
4-Channel
8-Channel
Network Optical
Mux/add insertion loss
Maximum
1.4 dB
3.7 dB
4.0 dB
Typical
1.0 dB
2.6 dB
3.2 dB
Demux/drop insertion loss
Maximum
1.4 dB
3.7 dB
4.0 dB
Typical
1.0 dB
2.6 dB
3.2 dB
Upgrade path insertion loss
Maximum
0.9 dB
0.9 dB
1.2 dB
Optical pass-through insertion loss
Maximum
1.8 dB
1.8 dB
2.4 dB
Channel passband
Minimum
±0.1 nm
±0.1 nm
±0.1 nm
Channel flatness
Minimum
0.5 dB
0.5 dB
0.5 dB
Channel loss uniformity
1 dB
1 dB
Isolation
Adjacent ITU 100 GHz channel
Minimum
25 dB
25 dB
25 dB
Non-adjacent ITU 100 GHz channel Minimum
50 dB
50 dB
50 dB
Through channel add/drop
Minimum
30 dB
30 dB
30 dB
Optical return loss
Minimum
40 dB
40 dB
40 dB
Maximum input optical power
1 W
1 W
1 W
– Sum of all ports
Polarization dependent loss (PDL)
Maximum
0.2 dB
0.2 dB
0.2 dB
Polarization mode dispersion (PMD)
Maximum
0.2 ps
0.2 ps
0.2 ps
Physical
Size (H x W x L)
129.5 x 28.4 x 160.3 mm
129.5 x 28.4 x 160.3 mm
129.5 x 57.7 x 160.3 mm
(5.10 x 1.12 x 6.31 in)
(5.10 x 1.12 x 6.31 in)
(5.10 x 2.27 x 6.31 in)
single-slot LGX
single-slot LGX
double-slot LGX
Optical connector type, all ports
Duplex LC/PC
Duplex LC/PC
Duplex LC/PC
Weight, approximate
0.45 kg (1 lb)
0.45 kg (1 lb)
0.91 kg (2 lb)
Environmental
Operating ambient temperature
–5 to 70°C
Storage temperature
–40 to 85°C
Relative humidity, non-condensing
5 to 85%
1. All specifications are guaranteed over the life, operating temperatures, and wavelength range specified.
2 One-channel DWDM OADM provides add/drop functionality for two fiber pairs. Optical specifications for east and west interfaces are identical.
100 GHZ DWDM OADM


Similar Part No. - MDX-08MD1044B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08MDC001B JDSU-MDX-08MDC001B Datasheet
239Kb / 2P
   WaveReady?
More results

Similar Description - MDX-08MD1044B

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
   100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Fuji Electric
FLASHWAVE7600 FUJI-FLASHWAVE7600 Datasheet
833Kb / 2P
   The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
Emcore Corporation
2925 EMCORE-2925 Datasheet
67Kb / 2P
   Dense Wave Division Multiplexing (DWDM)
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
   Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
logo
Bookham, Inc.
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
ADM-2F2721010 JDSU-ADM-2F2721010 Datasheet
94Kb / 4P
   Filter Add/Drop Module 200 GHz Spacing
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com