Electronic Components Datasheet Search |
|
CT2-GL2PFTD33C Datasheet(PDF) 4 Page - JDS Uniphase Corporation |
|
CT2-GL2PFTD33C Datasheet(HTML) 4 Page - JDS Uniphase Corporation |
4 / 8 page 4 OC-48 SFP TRANSCEIVER CT2 Electrical Pad Layout Transceiver Pin Descriptions Pin Description TD Un-clocked, multirate, differential serial bit stream (155 Mb/s to 2.7 Gb/s) used to drive the optical transmitter. TDb Internally AC coupled and terminated via internal 100 Ω differential impedence. RD Differential received electrical signal capable of detecting 155 Mb/s to 2.7 Gb/s bit patterns. RDb The differential pair is internally biased and AC coupled. This signal requires 100 Ω external differential termination. Rate_select Internally monitored and available for future use. Can be customized for specific applications. TxDIS Transmitter Disable Input. A logic HIGH on this input pin disables the transmitter's laser so that there is no optical output. If left open the transmitter will be disabled. LOS Loss of Signal (Open Collector). A logic HIGH on this output indicates an incoming signal level that is less than -25 dBm but no greater than -31 dBm for IR and SR configurations and less than -34 dBm but no greater than -40 dBm for LR configurations. LOS shall deassert (logic LOW) when a 3 dB (maximum), 0.5 dB (minimum) hysteresis is obtained. Tx_fault Transmitter fault (Open collector). A logic HIGH indicates that the transmitter is in a fault condition. MOD_DEF(0) MOD_DEF(0) is internally grounded to indicate the presence of the module. Must be pulled-up on host board with 10 K Ω resistor. MOD_DEF(1) MOD_DEF(1) is the clock of the 2 wire interface for module monitoring. MOD_DEF(2) MOD_DEF(2) is the data line of the 2 wire interface for module monitoring. VccR,VccT Receiver, Transmitter power supply, respectively VeeR, VeeT Receiver, Transmitter ground, respectively. The chassis ground and circuit ground isolation is configurable. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VeeT VeeT VeeR VeeR VccR VccT TD- TD+ RD+ RD- VeeT VeeR VeeR LOS Tx Fault Tx Disable MOD-DEF(2) MOD-DEF(1) MOD-DEF(0) Rate Select Top of Board Bottom of Board (As Viewed through Top of Board) |
Similar Part No. - CT2-GL2PFTD33C |
|
Similar Description - CT2-GL2PFTD33C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |