Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG05F40051-27BQ Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # SCG05F40051-27BQ
Description  Benchtop/Rackmount Programmable Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SCG05F40051-27BQ Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  SCG05F40051-27BQ Datasheet HTML 1Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 2Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 3Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 4Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 5Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 6Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 7Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 8Page - JDS Uniphase Corporation SCG05F40051-27BQ Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES
Parameter1
Single Common
Multiple Common
Multiple Common
C Configuration
D Configuration
E and F Configurations
Typical
Maximum
Typical
Maximum
Typical
Maximum
Insertion loss (IL)
Single-mode (SM)
0.4 dB
0.7 dB
0.4 dB
0.7 dB
0.5 dB
1.0 dB
Multimode (MM)
0.4 dB
0.7 dB
0.4 dB
0.7 dB
0.5 dB
1.0 dB
Return loss (RL)2
SM standard/analog
> 65 dB
60/65 dB
> 65 dB
60/65 dB
65 dB
60 dB
MM3 standard/analog
25/35 dB
20/30 dB
25/35 dB
20/30 dB
> 25 dB
20 dB
Polarization dependent loss (PDL) SM
0.02 dB
0.05 dB
0.02 dB
0.05 dB
0.03 dB
0.07 dB
IL stability4
± 0.03 dB
± 0.05 dB
± 0.03 dB
± 0.05 dB
± 0.03 dB
± 0.05 dB
Repeatability5
Sequential switching
± 0.003 dB
± 0.005 dB
± 0.005 dB
± 0.01 dB
± 0.005 dB
± 0.01 dB
Random switching
± 0.01 dB
± 0.025 dB
± 0.02 dB
± 0.04 dB
± 0.02 dB
± 0.04 dB
Crosstalk (maximum) SM
-80 dB
Maximum input power (optical)
300 mW
Lifetime
> 80 million cycles
Switching time
One channel
300 ms
Each additional channel
12 ms
Power supply
100 to 240 V, 50 to 60 Hz
Power consumption
100 V A maximum
Control
Local and remote via GPIB and serial RS-232 interfaces
Drivers for external switch modules
Four open collector drivers with maximum 100 mA sink current
Operation temperature
0 to 55 °C
Storage temperature
- 40 to 70 °C
Humidity
maximum 95 % RH from 0 to 55 °C non-condensing
Dimensions (W x H x D)
21.2 x 8.9 x 35.5 cm
with rackmount kit (optional)6
48.3 x 8.9 x 35.5 cm
Weight
3.75 kg
1. Excluding connectors. All optical measurements taken after temperature has been stabilized for one hour, at ambient (room) conditions.
2. RL specification based on 1 m pigtail length.
3. Values shown for 62.5 µm diameter maximum fiber core.
4. Drift of any channel relative to reference channel at ± 3 °C deviation of ambient temperature over a seven-day period.
5. Measured between two consecutive readings over 100 cycles.
6. ED000899-A-00 standard rackmount kit, ED000899-A-01 Japan rackmount kit. Requires two kits to mount two units side-by-side.
Please specify part number when ordering (if needed).
SB Model Specifications


Similar Part No. - SCG05F40051-27BQ

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
127Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - SCG05F40051-27BQ

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com