Electronic Components Datasheet Search |
|
CT2-GI1LKTD53C Datasheet(PDF) 1 Page - JDS Uniphase Corporation |
|
CT2-GI1LKTD53C Datasheet(HTML) 1 Page - JDS Uniphase Corporation |
1 / 8 page COMMUNICATIONS MODULES & SUBSYSTEMS Key Features • SFP MSA compatible • Fully OC-48 SONET compliant at all reaches: SR, IR-1, IR-2, LR-1, and LR-2 • Microprocessor-based design fully implements the Digital Diagnostic Monitoring Interface • Automatic output power and extinction ratio control over temperature and lifetime to compensate for laser efficiency degradation • Both PIN and APD versions meet -27 dB receiver reflectance • Optical parameters tuned and optimized over temperature in production test • Expandable options such as coarse wavelength division multiplexing (CWDM) and a custom software user interface The JDSU CT2 Series OC-48 (2.5 Gb/s) transceiver module integrates optics and electronics in a Small Form Factor Pluggable (SFP) package. It is Multisource Agreement (MSA) compatible and designed for operation at 1310 nm and 1550 nm. Although optimized for OC-48, it provides multi-rate capabilities and can be used from OC-3 (155 Mb/s) up to 2.7 Gb/s. The CT2 Series SFP transceiver provides a fully OC-48 SONET compliant interface between the SONET/SDH photonic layer and the electrical layer. Its microprocessor-based modular design implements all features specified in the SFP MSA compatible 2-wire Serial Digital Diagnostic Monitoring Interface for Optical Transceivers. The major components in this module include a Fabry-Perot or uncooled distributed feedback (DFB) based optical transmitter, a PIN or APD based optical receiver with integrated transimpedence amplifier (TIA), an APD high voltage circuit (if required), a microprocessor, a limiting post amplifier, and a laser driver. The modular transceiver design offers a "hot-pluggable" interface, allowing the same basic architecture to be used for SR, IR-1, IR-2, LR-1, and LR-2 versions. Applications • Metro access •Metro core • Wide area networks • Optical crossconnects Compliance • GR-253-CORE • ITU-T G.957 • SFF-8472 OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm) CT2 Series NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU |
Similar Part No. - CT2-GI1LKTD53C |
|
Similar Description - CT2-GI1LKTD53C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |