Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB562 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB562
Description  PNP Plastic Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB562 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SB562 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB562 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SB562 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2SB562
0.9 W, -1 A, -25 V
PNP Plastic Encapsulated Transistor
01-June-2002 Rev. A
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.


Similar Part No. - 2SB562

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB562 HITACHI-2SB562 Datasheet
30Kb / 6P
   Silicon PNP Epitaxial
logo
Unisonic Technologies
2SB562 UTC-2SB562 Datasheet
95Kb / 3P
   LOW FREQUENCY POWER LOW FREQUENCY POWER
logo
TRANSYS Electronics Lim...
2SB562 TEL-2SB562 Datasheet
61Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
   Silicon PNP Epitaxial
logo
Micro Commercial Compon...
2SB562 MCC-2SB562 Datasheet
224Kb / 4P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SB562

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com