Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9758601QSA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9758601QSA
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9758601QSA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9758601QSA Datasheet HTML 1Page - Texas Instruments 5962-9758601QSA Datasheet HTML 2Page - Texas Instruments 5962-9758601QSA Datasheet HTML 3Page - Texas Instruments 5962-9758601QSA Datasheet HTML 4Page - Texas Instruments 5962-9758601QSA Datasheet HTML 5Page - Texas Instruments 5962-9758601QSA Datasheet HTML 6Page - Texas Instruments 5962-9758601QSA Datasheet HTML 7Page - Texas Instruments 5962-9758601QSA Datasheet HTML 8Page - Texas Instruments 5962-9758601QSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54F244, SN74F244
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SDFS063A – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
′F244
SN54F244
SN74F244
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1.7
3.6
5.2
2
6.5
1.7
6.2
ns
tPHL
A
Y
1.7
3.6
5.2
2
7
1.7
6.5
ns
tPZH
OE
Y
1.2
3.9
5.7
2
7
1.2
6.7
ns
tPZL
OE
Y
1.2
5
7
2
8.5
1.2
8
ns
tPHZ
OE
Y
1.2
4.1
6
2
7
1.2
7
ns
tPLZ
OE
Y
1.2
4.1
6
2
7.5
1.2
7
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


Similar Part No. - 5962-9758601QSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9758601QSA TI1-5962-9758601QSA Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
More results

Similar Description - 5962-9758601QSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com