Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A202EHI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A202EHI
Description  Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A202EHI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A202EHI Datasheet HTML 1Page - MicroPower Direct, LLC A202EHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
All pins are on a 0.1 (2.54) pitch
All pins diameters are 0.02 (0.5)
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A201EHI
5
4.5 - 5.5
533
100
5.0
400
40.0
75
1,500
A202EHI
5
4.5 - 5.5
526
100
9.0
222
23.0
76
1,500
A203EHI
5
4.5 - 5.5
519
100
12.0
167
17.0
77
1,500
A204EHI
5
4.5 - 5.5
519
100
15.0
133
14.0
77
1,500
A205EHI
5
4.5 - 5.5
533
100
±5.0
±200
±20.0
75
1,500
A206EHI
5
4.5 - 5.5
519
100
±9.0
±111
±12.0
77
1,500
A207EHI
5
4.5 - 5.5
506
100
±12.0
±84
±9.0
79
1,500
A208EHI
5
4.5 - 5.5
506
100
±15.0
±67
±7.0
79
1,500
A211EHI
12
10.8 - 13.2
222
50
5.0
400
40.0
75
500
A212EHI
12
10.8 - 13.2
208
50
9.0
222
23.0
80
500
A213EHI
12
10.8 - 13.2
203
50
12.0
167
17.0
82
500
A214EHI
12
10.8 - 13.2
214
50
15.0
133
14.0
78
500
A215EHI
12
10.8 - 13.2
219
50
±5.0
±200
±20.0
76
500
A216EHI
12
10.8 - 13.2
206
50
±9.0
±111
±12.0
81
500
A217EHI
12
10.8 - 13.2
203
50
±12.0
±84
±9.0
82
500
A218EHI
12
10.8 - 13.2
214
50
±15.0
±67
±7.0
78
500
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
10, 15
-Vout
Common
2
-Vin
-Vin
12, 13
+Vout
+Vout
8, 17
NC
-Vout
Notes:
1. Output load regulation is specified for a load change of
10% to 100%.
2. These units should not be operated with a load under
10% of full load. Operation at no-load may cause dam-
age to the unit.
3. These converters will operate without external com-
ponents. However, when measuring output ripple, it
is recommended that an external ceramic capacitor be
placed from the +Vout pin to the -Vout pin for single out-
put units and
from each
output to
common for
dual output
units. An in-
put capacitor will enhance stability
over temperature and input line
variations. Recommended capaci-
tor values are given in the table above. For applications
requiring very low output noise levels, a simple LC filter
should be effective.
4. Dual output units may be connected to provide a 10V,
18V, 24V or 30 VDC output. To do this, connect the load
across the positive (+Vout) and negative (-Vout) outputs
and float the output common
5. It is recommended that a fuse be used on the input of
a power supply for protection. See the Model Selection
table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
5 VDC
4.7 μF
5 VDC
4.7 μF
12 VDC
2.2 μF
9 VDC
2.2 μF
12 VDC
1.0 μF
15 VDC
0.47 μF
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - A202EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A202EHI MPD-A202EHI Datasheet
223Kb / 2P
   A200EHI SERIES
More results

Similar Description - A202EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
   Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
   Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com