Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11+10755SC Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # SN11+10755SC
Description  Fiberoptic Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SN11+10755SC Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  SN11+10755SC Datasheet HTML 1Page - JDS Uniphase Corporation SN11+10755SC Datasheet HTML 2Page - JDS Uniphase Corporation SN11+10755SC Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SN SERIES FIBEROPTIC SWITCH
(Specifications in inches [mm] unless otherwise noted.)
SN Series Dimensions Diagram
NOTES: RECOMMENDED BOARD THICKNESS .063" [1.59]
1.855 [47.12]
1.904 [48.36]
.714 [18.14]
.349 [8.86]
.105 [2.67]
.405 [10.29]
.505 [12.83]
.167 [4.24]
.230 [5.84]
.100 [2.54]
.730 [18.54]
.135 [3.43]
11 PL
.29 [7.4]
.50 [12.7]
SWITCH MOUNTING HOLE PATTERN
Ø .040 [1.02]
.000 [.00]
.300 [7.62]
.400 [10.16]
.125 [3.18]
PCB
Pin #1
Pin #6
Pin #12
Specifications
Parameter
Specification
Wavelength range
1290 to 1330 and/or 1525 to 1610 nm
Insertion loss1
1x1, 1x2
0.8 dB
2x2
1.0 dB
Return loss2
55 dB
Polarization dependent loss2
0.1 dB
Repeatability
±0.05 dB
Crosstalk
-60 dB
Optical input power (continuous wave)
300 mW
Switching time
9 ms
Cycle rate
10 Hz
Power supply3
5 V DC/40 mA ±10%
Dimensions (W x H x D)
48.4 x 8.7 x 18.1 mm
Weight
14 g
Operating temperature
0 to 65 °C, or -5 to 70 °C short term4
Storage temperature
-40 to 85 °C
Humidity (non-condensing)
<85% RH, or 90% RH short term4
Qualification
GR-1221-CORE, GR-1073-CORE
1. Insertion loss is specified for the 1290 to 1330 nm and 1520 to 1570 nm wavelength ranges, all polarization states, and does not include connectors. Add 0.3 dB maximum
over operating temperature range. Add 0.1 dB maximum for extended wavelength operation up to 1610 nm.
2. Excluding connectors.
3. A 5 V DC 40 mA pulse of 20 ms duration is recommended.
4. The switch can be operated over the short term from -5 to 70 °C for 96 consecutive hours or less and a total of 15 days or less over a one year period.


Similar Part No. - SN11+10755SC

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN1100 KNIGHTSBRIDGE-SN1100 Datasheet
141Kb / 1P
   10A Fan Isolator Switch
5/03/2024
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
   USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11020F SONIX-SN11020F Datasheet
110Kb / 8P
   USB to ATA/ATAPI/SD/MMC Interface Controller?
More results

Similar Description - SN11+10755SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC171 ETC2-RC171 Datasheet
262Kb / 3P
   Fiberoptic Sensor
logo
Micropac Industries
66217 MICROPAC-66217 Datasheet
69Kb / 2P
   Fiberoptic LED with internal ball lens
66219 MICROPAC-66219 Datasheet
108Kb / 2P
   Fiberoptic LED with internal ball lens
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com