Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C2V7 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZT52C2V7
Description  Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZT52C2V7 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZT52C2V7 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZT52C2V7 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZT52C2V7 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZT52C2V7 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
. RoHS Compliant
. Standard Zener Breakdown Voltage Range: 2.4V to 51V
. Steady State Power Rating of 500 mW
. Small Body Outline Dimensions: 2.70 mm x 1.60 mm
. Low Body Height: 1.05 mm
. Package Weight: 10.00 mg / unit
. ESD Rating of Class 3 ( > 16 KV ) per Human Body Model
● Mechanical Data
. Case: SOD-123, Void-Free, Transfer-Molded Plastic
. Finish: All External Surfaces are Corrosion Resistant
. Maximum Case Temperature for Soldering Purpose: 260 ℃ for 10 Seconds
. Polarity: Cathode Indicated by Polarity Band
. Flammability Rating: UL94V-0
. Mounting Position: Any
● Outline
SOD-123
Dim
Min
Max
A
3.60
3.80
B
2.60
2.80
C
1.55
1.65
D
1.05 Typical
E
0.50
0.60
G
0.25
0.45
H
0.10
0.15
J
0.05 Typical
α
All Dimensions in mm
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B
C
D
E
G
H
J
01-Jun-2002 Rev. A
Page 2 of 4


Similar Part No. - BZT52C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V7 TSC-BZT52C2V7 Datasheet
219Kb / 6P
   200mW, Surface Mount Zener SMD Zener Diode
logo
Diodes Incorporated
BZT52C2V7 DIODES-BZT52C2V7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Galaxy Semi-Conductor H...
BZT52C2V7 BILIN-BZT52C2V7 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
SEMTECH ELECTRONICS LTD...
BZT52C2V7 SEMTECH_ELEC-BZT52C2V7 Datasheet
159Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZT52C2V7 VISHAY-BZT52C2V7 Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 1.8, 26-Feb-13
More results

Similar Description - BZT52C2V7

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com