Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C3V0 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C3V0
Description  Surface Mount Zener Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C3V0 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C3V0 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C3V0 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZX84C3V0 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZX84C3V0 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
BZX84CXXX
350mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
TYPICAL CHARACTERISTICS
VZ, Nominal Zener Voltage (V)
–3
–2
–1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range – 55
°C to +150°C)
VZ @ IZT
100
10
1
10
100
VZ, Nominal Zener Voltage (V)
Figure 2. Temperature Coefficients
(Temperature Range – 55
°C to +150°C)
Typical TC Values
For BZX84C Series
VZ @ IZT
100
VZ, Nominal Zener Voltage
Figure 3. Effect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
Typical TC Values
For BZX84C Series
GENERAL DATA — 350 mW SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
100
VZ, Nominal Zener Voltage (V)
Figure 4. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
01-Jun-2002 Rev. A
Page 3 of 4


Similar Part No. - BZX84C3V0

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C3V0 MAKOSEMI-BZX84C3V0 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Vishay Siliconix
BZX84C3V0 VISHAY-BZX84C3V0 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
First Silicon Co., Ltd
BZX84C3V0 FS-BZX84C3V0 Datasheet
539Kb / 4P
   ZENER DIODE Planar Die Construction
logo
Galaxy Semi-Conductor H...
BZX84C3V0 BILIN-BZX84C3V0 Datasheet
228Kb / 5P
   350mW Surface Mount Zener Diode
logo
Central Semiconductor C...
BZX84C3V0 CENTRAL-BZX84C3V0 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - BZX84C3V0

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com