Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDR512CTL Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # EDR512CTL
Description  Access PIN-TIA Receivers for 155 Mb/s and 622 Mb/s
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EDR512CTL Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  EDR512CTL Datasheet HTML 1Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 2Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 3Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 4Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 5Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 6Page - JDS Uniphase Corporation EDR512CTL Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ACCESS PIN-TIA RECEIVERS FOR 155 MB/S AND 622 MB/S
(Specifications in mm unless otherwise noted. )
Dimensions Diagram
EDR 51xx RSC-FM
EDR 51xx RSC-DM
12.3
19.45
TOP VIEW
22.0
18.0
(2) Thru Holes 2.30 diameter
9.20
12.75
15.2
13.5 Typ.
4 Leads
(0.42 O.D. Typ.)
4
2
1
7.0
3
2.54 diameter
BOTTOM VIEW
EDR 512B
EDR 515B
1
3
2
7.0
4
BOTTOM VIEW
EDR 512C
EDR 515C
EDR 512D
EDR 515D
2.2 diameter
2.54 diameter
12.3
19.8
TOP VIEW
22.0
18.0
(2) Thru Holes 2.30 diameter
9.20
12.75
15.2
13.5 Typ.
4 Leads
(0.42 O.D. Typ.)
4.20
6.80
4
2
1
7.0
3
2.54 diameter
BOTTOM VIEW
EDR 512B
EDR 515B
1
3
2
7.0
4
BOTTOM VIEW
EDR 512C
EDR 515C
EDR 512D
EDR 515D
2.54 diameter
EDR 51xx RFC2
EDR 51xx RLC
13.1
20.45
13.5 Typ
7.8
17.78
2.67
13.5
7.5
5.60 diameter
Pin circle
2.54 diameter
2
1
3
BOTTOM VIEW
9.6
4
3
2
4
1
EDR 512B
EDR 515B
EDR 512C
EDR 515C
EDR 512D
EDR 515D
4 Leads
(0.42 O.D. Typ.)
TOP VIEW
19.0
13.45
9.20
5.4
7.0
13.5 Typ.
2.2 diameter holes with
4.0 diameter counterbore
1.5 deep
2.0
6.0
BOTTOM VIEW
M8 x 0.75
4 Leads
(0.42 O.D. Typ.)
9.50 Radius
4
2
1
3
2.54 diameter
EDR 512B
EDR 515B
1
3
2
4
2.54 diameter
EDR 512C
EDR 515C
EDR 512D
EDR 515D
BOTTOM VIEW
13.7
Note: Critical dimensions meet NTT specifications.
Other dimensions subject to revision.
Note: Critical dimensions meet NTT specifications.
Other dimensions subject to revision.
EDR 51xx FJS with Bracket Option
EDR 51xx TL
2
1
3
1.00
3.60
45
o
2.2
Optimum point for
fiber coupling power
5.35
4.7
4
4.20
BOTTOM VIEW
13.5 Typ.
0.45 Diameter Typ.
2.54 Diameter
18.0
13.5 Typ.
1
2
3
4
2.54 Diameter
Bottom View
6.20
1.9
0.9 O.D. Fiber
4 Leads
(0.45 O.D. Typ.)
Two 2.2 diameter
thru holes
12.7
4.0
17.0
Leads
(0.45 O.D. Typ.)
7.7
10.0
EDR 512 B
EDR 512 C
EDR 512 D
EDR 515 B
EDR 515 C
EDR 515 D
MB-14
bracket
4
3
2
1
BOTTOM VIEW


Similar Part No. - EDR512CTL

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
Mean Well Enterprises C...
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Total Power Internation...
EDR-120 TOTAL-POWER-EDR-120 Datasheet
207Kb / 4P
   120W Single Output Industrial DIN RAIL
logo
Mean Well Enterprises C...
EDR-120-12 MEANWELL-EDR-120-12 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120-24 MEANWELL-EDR-120-24 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results

Similar Description - EDR512CTL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
California Eastern Labs
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
logo
Bothhand USA, LP.
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
   Design for 10/100 MB/s TX & ATM 155 MB/s application
logo
California Eastern Labs
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
logo
Bothhand USA, LP.
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
   Design for 10/100 MB/s TX & ATM 155 MB/s applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com