Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM605LL-250 Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # EPM605LL-250
Description  C-Band, L-Band, Pass Band Low Leakage PIN Photodiodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EPM605LL-250 Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  EPM605LL-250 Datasheet HTML 1Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 2Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 3Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 4Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 5Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 6Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 7Page - JDS Uniphase Corporation EPM605LL-250 Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10143020 Rev. 004 03/06 EPM6XX.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: EPM 606LL-250
C-BAND, L-BAND, PASS BAND
LOW LEAKAGE PIN PHOTODIODES
Precautions for Use
Electrostatic discharge protection is imperative. Use of grounding straps, anti-static mats, and other standard ESD protective
equipment is required when handling or testing an InGaAs PIN or any other junction photodiode. The flexible 250 µm fiber
coating can be mechanically stripped and provides protection for the optical fiber, under normal handling characteristics.
Soldering temperature of the leads should not exceed 260 °C for more than 10 seconds. Fiber pigtails should be handled with
less than 10 N pull and with a bending radius greater than 1 inch.
Code
Bracket
No bracket
W/DM BKT
With dual mount bracket
Code
Buffer
-250
250 µm buffer
900 µm buffer
Code
Connector
No connector
FC/APC FC/APC connector
FC/SPC FC/SPC connector
SC/SPC SC/SPC connector
Code
Model
05
Low back reflection, C-band PIN photodiode
05LL
Low back reflection, low leakage, C-band PIN photodiode
06
Low back reflection, L-band PIN photodiode
06LL
Low back reflection, low leakage, L-band PIN photodiode
13
Low back reflection, Pass-band PIN photodiode
50
General purpose, high responsivity PIN photodiode
35
SFF package with 300 µm detection window
35-75
SFF package with 75 µm detection window
EPM 6 +
++
+


Similar Part No. - EPM605LL-250

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM6051V-05R-200S EATON-EPM6051V-05R-200S Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM6051V-05R-200SR EATON-EPM6051V-05R-200SR Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM6051V-12R-084S EATON-EPM6051V-12R-084S Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM6051V-12R-084SR EATON-EPM6051V-12R-084SR Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM6051V-15R-067S EATON-EPM6051V-15R-067S Datasheet
652Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results

Similar Description - EPM605LL-250

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGCL-S0031 OPLINK-MWDMGCL-S0031 Datasheet
285Kb / 2P
   Green C Band/L Band Micro-Optic WDM
logo
JDS Uniphase Corporatio...
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
   Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-10.7 SYNERGY-FIS-10.7 Datasheet
192Kb / 2P
   BAND PASS FILTER
logo
YAGEO Corporation
BPF2012LM17R2400A YAGEO-BPF2012LM17R2400A Datasheet
372Kb / 5P
   Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FBS-30 SYNERGY-FBS-30 Datasheet
200Kb / 2P
   BAND PASS FILTER
FNS-200 SYNERGY-FNS-200 Datasheet
196Kb / 2P
   BAND PASS FILTER
FNS-450 SYNERGY-FNS-450 Datasheet
192Kb / 2P
   BAND PASS FILTER
logo
YAGEO Corporation
BPF2012LL22R2400A YAGEO-BPF2012LL22R2400A Datasheet
384Kb / 5P
   Band Pass Filter
BPF1608LM17R2400A YAGEO-BPF1608LM17R2400A Datasheet
530Kb / 5P
   Band Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com