Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM745250NC0 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # EPM745250NC0
Description  Forward and Return Path Analog CATV Detector Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EPM745250NC0 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  EPM745250NC0 Datasheet HTML 1Page - JDS Uniphase Corporation EPM745250NC0 Datasheet HTML 2Page - JDS Uniphase Corporation EPM745250NC0 Datasheet HTML 3Page - JDS Uniphase Corporation EPM745250NC0 Datasheet HTML 4Page - JDS Uniphase Corporation EPM745250NC0 Datasheet HTML 5Page - JDS Uniphase Corporation EPM745250NC0 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FORWARD AND RETURN PATH
ANALOG CATV DETECTOR MODULES
Figure 3: EPM 705
1.4
02
4
6
8
10
12
Capacitance vs. Reverse Bias
23˚C
Reverse Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 4: EPM 745
0
24
6
8
Capacitance vs. Reverse Bias
23˚C
Reverse Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
10
12
Figure 1: EPM 705
Dark Current vs. Reverse Bias
1E-11
1E-10
1E-09
1E-08
1E-07
1E-06
1E-05
0
5
10
15
20
25
30
Reverse Voltage (V)
85 ˚C
65 ˚C
45 ˚C
25 ˚C
Figure 2: EPM 745
Dark Current vs. Reverse Bias
1E-12
1E-11
1E-10
1E-09
1E-08
0
5
10
15
20
Reverse Voltage (V)
25
20 ˚C
40 ˚C
60 ˚C
80 ˚C
0 ˚C


Similar Part No. - EPM745250NC0

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Altera Corporation
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM745250NC0

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1751A AGERE-A1751A Datasheet
85Kb / 10P
   A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
   A1750A DWDM Analog Forward-Path or Return-Path Laser Module
logo
M/A-COM Technology Solu...
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com