Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD84C15 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BZD84C15
Description  Dual Zener Voltage Regulator Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZD84C15 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZD84C15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZD84C15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZD84C15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BZD84Cxxx Series
300 mW SOT-23 Series
Dual Zener Voltage Regulator Diodes
01-June-2007 Rev. C
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar Die Construction
300 mW Power Dissipation Rating
Dual Zeners in Common Anode Configuration
Ideally Suited for Automated Assembly Process
Δvz for both diodes in one case is ≤ 5%.
PACKAGING INFORMATION
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams
Weight: 0.0080 g (Approximately)
MARKING
KD
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNITS
Power Dissipation
PD
300
mW
Thermal Resistance Junction to Ambient Air
RθJA
417
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-65 ~ 150
°C
1. FR–5 = 1.0 X 0.75 X 0.062 in.
2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50


Similar Part No. - BZD84C15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZD84C15 SECOS-BZD84C15 Datasheet
168Kb / 3P
   300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZD84C15 SECELECTRONICS-BZD84C15 Datasheet
168Kb / 3P
   Dual Zener Voltage Regulator Diodes
More results

Similar Description - BZD84C15

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
BZD84CXXX SECELECTRONICS-BZD84CXXX Datasheet
168Kb / 3P
   Dual Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C_15 Datasheet
168Kb / 3P
   Dual Zener Voltage Regulator Diodes
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com