Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143XUA Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DTA143XUA
Description  PNP Digital Transistors (Built-in Resistors)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DTA143XUA Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DTA143XUA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DTA143XUA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTA143XUA/DTA143XKA/DTA143XSA
PNP Digital Transistors (Built-in Resistors)
DTA143XE/DTA143XCA
FEATURES
* Built-in bias resistors enable the configuration of
an inverter circuit without connecting input resistors
(see equivalent circuit).
* Only the on/off confitions need to be set for operation,
making device design easy.
* The bias resistors consis of thin-film resistors with
compete isolation to allow negative biasing of the
input. They also have the advantage of almost
completely eliminating parasitic effects.
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individua
l
01-Jun-2002 Rev. A
Page 1 of 2
SOT-523
SOT-23-3L
SOT-323
SOT-23
Abbreviated symbol: 33
Abbreviated symbol: 33
Abbreviated symbol: 33
Abbreviated symbol: 33
DTA143XE
DTA143XUA
DTA143XKA
DTA143XCA
External Dimensions (Units: mm)
DTA143XSA
TO-92S


Similar Part No. - DTA143XUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143XUA ROHM-DTA143XUA Datasheet
90Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA143XUA JIANGSU-DTA143XUA Datasheet
109Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143XUA ROHM-DTA143XUA Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
logo
Rectron Semiconductor
DTA143XUA RECTRON-DTA143XUA Datasheet
315Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTORS(PNP)
logo
Rohm
DTA143XUA ROHM-DTA143XUA Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA143XUA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA123JC3 CYSTEKEC-DTA123JC3 Datasheet
329Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA114ES3 CYSTEKEC-DTA114ES3_16 Datasheet
279Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143EE SECOS-DTA143EE Datasheet
970Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTA114YN3 CYSTEKEC-DTA114YN3_11 Datasheet
256Kb / 6P
   PNP Digital Transistors (Built-in Resistors)
DTA144WN3S CYSTEKEC-DTA144WN3S_09 Datasheet
163Kb / 5P
   PNP Digital Transistors (Built-in Resistors)
DTA124ES3 CYSTEKEC-DTA124ES3 Datasheet
141Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA123YS3 CYSTEKEC-DTA123YS3 Datasheet
157Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
DTA124EN3 CYSTEKEC-DTA124EN3 Datasheet
156Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com