Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM705900SCA0 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # EPM705900SCA0
Description  Forward and Return Path Analog CATV Detector Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EPM705900SCA0 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  EPM705900SCA0 Datasheet HTML 1Page - JDS Uniphase Corporation EPM705900SCA0 Datasheet HTML 2Page - JDS Uniphase Corporation EPM705900SCA0 Datasheet HTML 3Page - JDS Uniphase Corporation EPM705900SCA0 Datasheet HTML 4Page - JDS Uniphase Corporation EPM705900SCA0 Datasheet HTML 5Page - JDS Uniphase Corporation EPM705900SCA0 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Electro-optical
- Low intermodulation distortion
- High responsivity
- Low back reflection
• Packaging
- Single mode 900 µm fiber with or without a connector
- Single mode 250 µm fiber without a connector
The EPM 7xx series are high quality analog photodetectors designed for forward
path (EPM 745) and return path (EPM 705) AM CATV applications. These
coaxial modules are optically aligned to optimize performance and balance the
parameters of responsivity, distortion and back reflection.
The photodetector die is fabricated with a proprietary InGaAs process in our
wafer fab and assembled into a hermetically-sealed package with an antireflective-
coated lens. A stainless steel bushing is used to actively couple the fiber to the package.
The fiber is reinforced with a rubber boot which relieves fiber bending stresses.
The EPM 7xx series can be produced without a connector or with a variety of
industry standard connectors. They are also available with a mounting bracket
which allows both vertical panel mounting and horizontal flush-to-board mounting.
Applications
• AM fiber optic CATV receivers to
550 MHz (EPM 705) and 860 MHz
(EPM 745)
• Multi-channel fiber optic transmission
Forward and Return Path Analog CATV Detector Modules
EPM 7xx Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - EPM705900SCA0

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM7051V-05R-100DH EATON-EPM7051V-05R-100DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-05R-200SH EATON-EPM7051V-05R-200SH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-12R-042DH EATON-EPM7051V-12R-042DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-12R-084SH EATON-EPM7051V-12R-084SH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-15R-034DH EATON-EPM7051V-15R-034DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results

Similar Description - EPM705900SCA0

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1751A AGERE-A1751A Datasheet
85Kb / 10P
   A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
   A1750A DWDM Analog Forward-Path or Return-Path Laser Module
logo
M/A-COM Technology Solu...
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com