Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM745900SCA0 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # EPM745900SCA0
Description  Forward and Return Path Analog CATV Detector Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EPM745900SCA0 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  EPM745900SCA0 Datasheet HTML 1Page - JDS Uniphase Corporation EPM745900SCA0 Datasheet HTML 2Page - JDS Uniphase Corporation EPM745900SCA0 Datasheet HTML 3Page - JDS Uniphase Corporation EPM745900SCA0 Datasheet HTML 4Page - JDS Uniphase Corporation EPM745900SCA0 Datasheet HTML 5Page - JDS Uniphase Corporation EPM745900SCA0 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 30137543 Rev. 001 05/06 EPM7XX.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: EPM 705 900 FCA DMB
FORWARD AND RETURN PATH
ANALOG CATV DETECTOR MODULES
Precautions for Use
ESD protection is imperative. Use of grounding straps, anti-static mats, and other standard ESD protective equipment is
recommended when handling or testing an InGaAs PIN or any other junction photodiode.
Soldering temperature of the leads should not exceed 260 °C for more than 10 seconds.
Fiber pigtails should be handled with less than 10 N pull and with a bending radius greater than 1 inch.
Code
Bracket
0
No bracket
DMB
with dual mount bracket
Code
Buffer
250
250 µm buffer
900
900 µm buffer
Code
Connector
NC
No connector
FCS
FC/SPC connector
FCAFC/APC connector
SCS
SC/SPC connector
SCA
SC/APC connector
Code
Model
05
Return path CATV module
45
Forward path CATV module
EPM 7 +
++
+


Similar Part No. - EPM745900SCA0

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
Altera Corporation
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM745900SCA0

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1751A AGERE-A1751A Datasheet
85Kb / 10P
   A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
   A1750A DWDM Analog Forward-Path or Return-Path Laser Module
logo
M/A-COM Technology Solu...
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com