Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM705250FCADMB Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # EPM705250FCADMB
Description  Forward and Return Path Analog CATV Detector Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

EPM705250FCADMB Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  EPM705250FCADMB Datasheet HTML 1Page - JDS Uniphase Corporation EPM705250FCADMB Datasheet HTML 2Page - JDS Uniphase Corporation EPM705250FCADMB Datasheet HTML 3Page - JDS Uniphase Corporation EPM705250FCADMB Datasheet HTML 4Page - JDS Uniphase Corporation EPM705250FCADMB Datasheet HTML 5Page - JDS Uniphase Corporation EPM705250FCADMB Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FORWARD AND RETURN PATH
ANALOG CATV DETECTOR MODULES
Specifications
Parameter
Conditions
EPM 705
EPM 745
Responsivity
λ = 1310 nm
Minimum
0.80 A/W
0.85 A/W
λ = 1550 nm
Minimum
0.85 A/W
0.90 A/W
Distortion product IM2
Maximum
-70 dBc 1
-75 dBc 2
Back reflection
Maximum
-40 dB
-45 dB
Dark current
Maximum
5.0 nA
1.0 nA
Capacitance3
Maximum
0.75 pF
0.35 pF
Bandwidth4
Typical
2.0 GHz
3.0 GHz
Single mode fiber 900 µm
Minimum
1.0 m
1.0 m
8.7/125 µm core/cladding
Maximum
1.5 m
1.5 m
1. IM2 measured at VR = 12 V, Pavg = 0 dBm, MI = 0.7, Rload = 50
Ω,f1 + f2 = 324.25 MHz, f1 - f2 = 54.25 MHz.
2. IM2 measured at VR = 12 V, Pavg = 0 dBm, MI = 0.7, Rload = 50
Ω,f1 + f2 = 850.25 MHz, f1 - f2 = 50.25 MHz.
3. Measured with case grounded.
4. -3 dB point into a 50
Ω load.
(Temperature = 25°C, VR = 5 V unless noted. All specifications without connector.)
Maximum Ratings
Parameter
Specification
Forward current1
Minimum
10 mA
Reverse current2
Minimum
10 mA
Reverse voltage
Minimum
25 V
Power dissipation
Minimum
100 mW
Operating case temperature
Minimum
-40°C
Maximum
85°C
Soldering temperature
Minimum
260°C
Storage temperature
Minimum
-40°C
Maximum
85°C
1. Under forward bias, current at which device may be damaged.
2. Under reverse bias, current at which device may be damaged.


Similar Part No. - EPM705250FCADMB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EPM7051V-05R-100DH EATON-EPM7051V-05R-100DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-05R-200SH EATON-EPM7051V-05R-200SH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-12R-042DH EATON-EPM7051V-12R-042DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-12R-084SH EATON-EPM7051V-12R-084SH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
EPM7051V-15R-034DH EATON-EPM7051V-15R-034DH Datasheet
746Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
More results

Similar Description - EPM705250FCADMB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
A1751A AGERE-A1751A Datasheet
85Kb / 10P
   A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
   A1750A DWDM Analog Forward-Path or Return-Path Laser Module
logo
M/A-COM Technology Solu...
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
logo
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
logo
Optoway Technology Inc
FL-3338AR OPTOWAY-FL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-FP LD for CATV return path application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AR OPTOWAY-DL-53X8AR Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CATV return path application
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com