Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL16612 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL16612
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16612 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74GTL16612 Datasheet HTML 2Page - Texas Instruments SN74GTL16612 Datasheet HTML 3Page - Texas Instruments SN74GTL16612 Datasheet HTML 4Page - Texas Instruments SN74GTL16612 Datasheet HTML 5Page - Texas Instruments SN74GTL16612 Datasheet HTML 6Page - Texas Instruments SN74GTL16612 Datasheet HTML 7Page - Texas Instruments SN74GTL16612 Datasheet HTML 8Page - Texas Instruments SN74GTL16612 Datasheet HTML 9Page - Texas Instruments SN74GTL16612 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.2 V and VREF = 0.8 V for GTL (unless otherwise noted) (see Figure 1)
SN54GTL16612
SN74GTL16612
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
95
95
MHz
LEAB or LEBA high
3.3
3.3
tw
Pulse duration
ns
CLKAB or CLKBA high or low
5.6
5.6
A before CLKAB
1.3
1.3
B before CLKBA
3.4
2.5
A before LEAB
1.2
0
tsu
Setup time
ns
B before LEBA
1
1
CEAB before CLKAB
2.1
2
CEBA before CLKBA
2.6
2.2
A after CLKAB
2.9
1.6
B after CLKBA
4.1
0.3
A after LEAB
4.5
4
th
Hold time
ns
B after LEBA
4.3
3.6
CEAB after CLKAB
2
0.8
CEBA after CLKBA
1.1
1.1
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.2 V and VREF = 0.8 V for GTL (see Figure 1)
SN54GTL16612
SN74GTL16612
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN TYP(1)
MAX
MIN TYP(1)
MAX
fmax
95
95
MHz
tPLH
1
2.8
4.5
1.5
2.8
4.1
A
B
ns
tPHL
1
2.5
4.5
1.3
2.5
4
tPLH
1
3.6
5.5
2
3.6
5.3
LEAB
B
ns
tPHL
1
3.5
6
1.9
3.5
5.4
tPLH
1
3.7
5.5
2.3
3.7
5.3
CLKAB
B
ns
tPHL
1
3.4
5.5
1.9
3.4
5.4
ten
1
3.3
5.5
2
3.3
5.5
OEAB
B
ns
tdis
1
3.4
5.5
2
3.4
5.1
tr
Transition time, B outputs (0.5 V to 1 V)
1.3
1.3
ns
tf
Transition time, B outputs (1 V to 0.5 V)
0.5
0.5
ns
tPLH
2
4.1
6.9
2.1
4.1
6.3
B
A
ns
tPHL
1
2.9
5.1
1.2
2.9
4.6
tPLH
2
3.7
6.1
2.3
3.7
5.7
LEBA
A
ns
tPHL
1
3
5.1
1.8
3
4.8
tPLH
2
3.8
6.4
2.5
3.8
6.1
CLKBA
A
ns
tPHL
2
3.3
5.6
2.3
3.3
5.2
ten
1
5
7.5
2.3
5
7.4
OEBA
A
ns
tdis
2
4.3
6.9
2.5
4.3
6.4
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
6


Similar Part No. - SN74GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16612A TI-SN74GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGG TI-SN74GTL16612ADGG Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGGR TI-SN74GTL16612ADGGR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADL TI-SN74GTL16612ADL Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADLR TI-SN74GTL16612ADLR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74GTL16612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com