Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A312ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A312ERW
Description  Low Cost, Wide Input, 3W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A312ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A312ERW Datasheet HTML 1Page - MicroPower Direct, LLC A312ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Leads are gold plated for improved solderability.
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF
ceramic capacitor be placed from the +Vout pin to the -Vout pin for single
output units and from each output to common for dual output units. For
noise sensitive applications, the use of 3.3 µF capacitors will reduce the
output ripple.
2. Transient recovery is measured to within a 1% error band for a load step
change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they may not
meet all specifications.
4. Dual output units may be connected to provide a 24 VDC or 30 VDC out-
put. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common.
5. The converter should be connected to a low ac-impedance source. An
input source with a highly inductive impedance may affect the stability of
the converter. In applications where the converter output loading is high
and input power is supplied over long lines, it may be necessary to use a
capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
Ω at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a 8.2 µF is
recommended, for 12V input units, a 3.3 µF; and for 24V & 48V units a
1.5 µF.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Pin Connections
Capacitive Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A301ERW
5
4.5 - 9.0
857
40
100
5.0
600
60
70
1,500
A302ERW
5
4.5 - 9.0
811
40
100
12.0
250
25
74
1,500
A303ERW
5
4.5 - 9.0
811
40
100
15.0
200
20
74
1,500
A304ERW
5
4.5 - 9.0
811
40
100
±12.0
±125
±12
74
1,500
A305ERW
5
4.5 - 9.0
811
40
100
±15.0
±100
±10
74
1,500
A311ERW
12
9.0 - 18.0
329
20
30
5.0
600
60
76
700
A312ERW
12
9.0 - 18.0
313
20
30
12.0
250
25
80
700
A313ERW
12
9.0 - 18.0
313
20
30
15.0
200
20
80
700
A314ERW
12
9.0 - 18.0
313
20
30
±12.0
±125
±12
80
700
A315ERW
12
9.0 - 18.0
313
20
30
±15.0
±100
±10
80
700
A321ERW
24
18.0 - 36.0
162
5
15
5.0
600
60
77
350
A322ERW
24
18.0 - 36.0
154
5
15
12.0
250
25
81
350
A323ERW
24
18.0 - 36.0
154
5
15
15.0
200
20
81
350
A324ERW
24
18.0 - 36.0
154
5
15
±12.0
±125
±12
81
350
A325ERW
24
18.0 - 36.0
154
5
15
±15.0
±100
±10
81
350
A331ERW
48
36.0 - 75.0
81
3
10
5.0
600
60
77
135
A332ERW
48
36.0 - 75.0
77
3
10
12.0
250
25
81
135
A333ERW
48
36.0 - 75.0
77
3
10
15.0
200
20
81
135
A334ERW
48
36.0 - 75.0
77
3
10
±12.0
±125
±12
81
135
A335ERW
48
36.0 - 75.0
77
3
10
±15.0
±100
±10
81
135
Pin
Single
Dual
1, 24
+Vin
+Vin
2, 23
NC
-Vout
3, 22
NC
Common
10, 15
-Vout
Common
11, 14
+Vout
+Vout
12, 13
-Vin
-Vin
NC: No Connection
Single Output
(µF Max)
Dual Output
(µF Max)
2,000
±1,000
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve


Similar Part No. - A312ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A312ERU MPD-A312ERU Datasheet
218Kb / 2P
   Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
A312ERU MPD-A312ERU Datasheet
234Kb / 2P
   A300ERU SERIES
More results

Similar Description - A312ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
D300RW MPD-D300RW Datasheet
191Kb / 2P
   Single & Dual Output 3W SIP, Wide Input DC/DC Converters
LF300RW MPD-LF300RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
A300ERU MPD-A300ERU Datasheet
218Kb / 2P
   Low Cost, 4:1 Input 3W Single & Dual Output DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
MicroPower Direct, LLC
LF300RU MPD-LF300RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com