Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR154 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # FR154
Description  1.5AMP Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

FR154 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  FR154 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH FR154 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
FR151 THRU FR157
VOLTAGE 50V ~ 1000V
1.5AMP Fast Recovery Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
5.0
100
30
-65
+150
V
A
A
V
µA
µA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.40 grams
1.3
250
500
150
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
FR151 FR152 FR153
FR154 FR155 FR156 FR157 UNITS
http://www.SeCoSGmbH.com
http://www.SeCoSGmbH.com
http://www.SeCoSGmbH.com
Elektronische Bauelemente


Similar Part No. - FR154

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR154 WTE-FR154 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR154 CHENDA-FR154 Datasheet
588Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FR154 PFS-FR154 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Goodwork Semiconductor ...
FR154 GWSEMI-FR154 Datasheet
67Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
FR154 LRC-FR154 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
More results

Similar Description - FR154

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
logo
Shanghai Lunsure Electr...
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
logo
Fuji Electric
RS2A FUJI-RS2A Datasheet
759Kb / 1P
   1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
1N5391J05 TAITRON-1N5391J05 Datasheet
198Kb / 6P
   1.5Amp Standard Rectifiers
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
   1.5AMP. Silicon Rectifiers
1N5391S LUGUANG-1N5391S Datasheet
181Kb / 2P
   1.5AMP. Silicon Rectifiers
logo
DIYI Electronic Technol...
F151 DYELEC-F151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
E15A DYELEC-E15A Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
U15A DYELEC-U15A Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
SeCoS Halbleitertechnol...
HER151 SECOS-HER151 Datasheet
76Kb / 2P
   1.5AMP High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com