Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ15K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GBJ15K
Description  15.0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBJ15K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GBJ15K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBJ15K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
GBJ15A THRU GBJ15M
VOLTAGE 50V ~ 1000V
15.0 AMP Glass Passivated Bridge Rectifiers
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
0
50
100
150
200
1
100
10
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Number of Cycles at 60 HZ
0
15
20
0
25
50
75
100
125
150
Fig. 1 - Derating Curve Output
Rectified Current
Temperature (
°C)
10
5
Heat-Sink Mounting, TC
P.C.B. Mounting,
TA
1.0 Cycle
Fig. 3 - Typical Forward Characteristics
Per Leg
Fig. 4 - Typical Reverse Characteristics
Per Leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
0.01
10
0.1
1
100
TJ = 125
°C
1000.0
20
60
40
100
80
0.0
0.1
1.0
10.0
100.0
0.3
1.1
1.3
0.5
0.7
0.9
Tj = 125
°C
Tj = 150
°C
Tj = 25
°C
Tj = 100
°C
Tj = 125
°C
Tj = 25
°C
Fig. 5 - Typical Junction Capacitance
Per Leg
Reverse Voltage (V)
1
10
100
1000
1
10
100
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - GBJ15K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJ15K GOOD-ARK-GBJ15K Datasheet
171Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
GBJ15K WTE-GBJ15K Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBJ15K CHENG-YI-GBJ15K Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
GBJ15K ZOWIE-GBJ15K Datasheet
110Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
GBJ15K FORMOSA-GBJ15K Datasheet
98Kb / 6P
   Bridge Rectifier
More results

Similar Description - GBJ15K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005 Datasheet
190Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
KBPC15 SECOS-KBPC15 Datasheet
350Kb / 2P
   15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBU1501 DGNJDZ-GBU1501 Datasheet
582Kb / 2P
   15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
GBJ15005 THINKISEMI-GBJ15005 Datasheet
672Kb / 2P
   15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
GBPC15005W DYELEC-GBPC15005W Datasheet
2Mb / 2P
   SINGLE PHASE 15.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBJ15005 BYTESONIC-KBJ15005 Datasheet
327Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_11 Datasheet
139Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com