Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBC-LW5D5141 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # IBC-LW5D5141
Description  50/100 GHz, 100/200 GHz Passive Interleavers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IBC-LW5D5141 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  IBC-LW5D5141 Datasheet HTML 1Page - JDS Uniphase Corporation IBC-LW5D5141 Datasheet HTML 2Page - JDS Uniphase Corporation IBC-LW5D5141 Datasheet HTML 3Page - JDS Uniphase Corporation IBC-LW5D5141 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
3
Parameter
50/100 GHz Mux/Demux
100/200 GHz Mux/Demux
Wavelength (C band, for end channel ITUs)
1529.55 to 1561.42 nm
1529.55 to 1561.42 nm
Wavelength (L band, for end channel ITUs)
1569.59 to 1604.88 nm
1569.59 to 1604.88 nm
Frequency (C band, for end channel ITUs)
196.000 to 192.000 THz
196.000 to 192.000 THz
Frequency (L band, for end channel ITUs)
191.000 to 186.800 THz
191.000 to 186.800 THz
Number of channels
Minimum
80
40
Clear bandwidth (standard)
Minimum
±8 GHz
±15 GHz
Clear bandwidth (wideband)
Minimum
±10 GHz
N/A
Insertion loss within clear bandwidth1, 2
Maximum
2.0 dB
2.0 dB
Ripple within clear bandwidth2, 3
Maximum
0.4 dB
0.4 dB
PDL within clear bandwidth2, 4
Maximum
0.4 dB
0.4 dB
Insertion loss uniformity2, 5
Maximum
0.5 dB
0.5 dB
Adjacent channel isolation2, 6
Minimum
14 dB (Mux)/25 dB (Demux)
14 dB (Mux)/25 dB (Demux)
Return loss1
Minimum
45 dB
45 dB
Directivity
Minimum
55 dB
55 dB
Polarization mode dispersion
Maximum
0.2 ps
0.2 ps
Chromatic dispersion within clear bandwidth
Maximum
±20 ps/nm
±15 ps/nm
Optical power7
Maximum
250 mW
250 mW
Operating temperature
0 to 65°C
0 to 65°C
Fiber type
900 µm tight buffer SMF-28
900 µm tight buffer SMF-28
1. Without connector.
2. Over all operating temperatures and states of polarization (SOP).
3. Measured at any given SOP.
4. Difference between insertion loss at any two SOP, measured at a given wavelength.
5. Difference between the maximum insertion loss over any two clear bandwidths, at any given SOP, and at any operating temperature.
6. Measured over clear bandwidth of both adjacent channels.
7. Across C and L band only.
IBC SERIES


Similar Part No. - IBC-LW5D5141

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IBC04-36S12 ARTESYN-IBC04-36S12 Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12J ARTESYN-IBC04-36S12J Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12SJ ARTESYN-IBC04-36S12SJ Datasheet
822Kb / 2P
   1/8th brick bus converter
logo
Emerson Network Power
IBC17AEN4812-AJ EMERSON-NETWORKPOWER-IBC17AEN4812-AJ Datasheet
654Kb / 3P
   2nd Generation IBC
IBC17AEN4812-AKJ EMERSON-NETWORKPOWER-IBC17AEN4812-AKJ Datasheet
654Kb / 3P
   2nd Generation IBC
More results

Similar Description - IBC-LW5D5141

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Johanson Technology Inc...
2450FB15A0100 JOHANSON-2450FB15A0100 Datasheet
205Kb / 2P
   2.45 GHz Filter Balun 50:100廓 EIA 0805
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
JDS Uniphase Corporatio...
DWBW2F4S01 JDSU-DWBW2F4S01 Datasheet
132Kb / 3P
   Bandsplitters 100 GHz Channel Spacing
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
logo
Agilent(Hewlett-Packard...
85070E HP-85070E Datasheet
768Kb / 12P
   Dielectric Probe Kit 200 MHz to 50 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com