Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU604 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBU604
Description  6 .0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBU604 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBU604 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBU604 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
GBU6005 THRU GBU610
VOLTAGE 50V~ 1000V
6 .0 AMP Glass Passivated Bridge Rectifiers
FEATURES
* Surge Overload Rating -175 AMP Peak
Ideal For Printed Circuit Board
Reliable Low Cost Construction Utilizing Molded
Plastic Technique
Plastic Material Has Underw rites Laboratory
Flammability Classification 94V-0
Mounting Position: Any
*
*
*
*
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C
o
ambient temperature unless otherwise specified
.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
GBU
GBU
GBU
GBU
GBU
GBU
GBU
6005
601
602
604
606
608
610
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
6.0
2.8
175
1.1
10.0
500
127
50
2.2
SYMBOL
UNITS
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
IR
µA
I
2t
A
2S
CJ
pF
R
θJC
TJ
- 55 ~ + 150
TSTG
- 55 ~ + 150
C
o
C
o
/ W
C
o
2. Device mounted on 75mm*75mm*1.6mm Cu plate heatsink.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward (with heatsink Note2)
Rectified Current @ TC=100 C
O
(without heatsink)
Peak Forward Surge Current,
8.3 ms single half Sine-wave
Superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 3.0A DC
Maximum DC Reverse Current Ta=25
at Rated DC Blocking Voltage Ta=125
I2t Rating for fusing (t<8.3ms)
Typical Junction Capacitance
per element (Note1)
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2007 Rev. A
Page 1 of 2
GBU
Dimensions in inches and (millimeters)
.874(22.2)
.860(21.8)
.139(3.53)
.133(3.37)
.752(19.1)
.720(18.3)
.720(18.29)
.680(17.27)
.047(1.2)
.035(0.9)
.073(1.85)
.057(1.45)
3.2x3.2
CHAMFER
.232(5.9)
.224(5.7)
.100(2.54)
.085(2.16)
.080(2.03)
.065(1.65)
.210
.190
.210
.190
.210
.190
(5.33)
(4.83)
(5.33)
(4.83)
(5.33)
(4.83)
.022(0.56)
.018(0.46)
.106(2.7)
.091(2.3)
10
TYP
5
TYP
O
O
.154(3.9)
.146(3.7)
C
o
C
o
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - GBU604

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU604 DIODES-GBU604 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBU604 SECOS-GBU604 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBU604 LUGUANG-GBU604 Datasheet
193Kb / 2P
   Single Phase 6.0AMP.Glass Passivated Bridge Rectifiers
logo
Bruckewell Technology L...
GBU604 BWTECH-GBU604 Datasheet
285Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU604 TSC-GBU604 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU604

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ8005 SECOS-GBJ8005 Datasheet
175Kb / 1P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
GBU8005 SECOS-GBU8005 Datasheet
216Kb / 2P
   8 .0 AMP Glass Passivated Bridge Rectifiers
GBJ8A SECOS-GBJ8A Datasheet
213Kb / 2P
   -8 .0 AMP Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS202 BYTESONIC-ABS202 Datasheet
321Kb / 2P
   Single Phase 2 .0 AMP. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ4A SECOS-GBJ4A Datasheet
287Kb / 2P
   4.0 AMP Glass Passivated Bridge Rectifiers
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
   25.0 AMP Glass Passivated Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
   50 AMP Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBJ6A SECOS-GBJ6A Datasheet
258Kb / 2P
   6.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com