Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBC-LW5D0145 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # IBC-LW5D0145
Description  50/100 GHz, 100/200 GHz Passive Interleavers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IBC-LW5D0145 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  IBC-LW5D0145 Datasheet HTML 1Page - JDS Uniphase Corporation IBC-LW5D0145 Datasheet HTML 2Page - JDS Uniphase Corporation IBC-LW5D0145 Datasheet HTML 3Page - JDS Uniphase Corporation IBC-LW5D0145 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
4
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: IBC-C05D01410
IBC SERIES
Code
Narrower
Channel
Spacing
1
100 GHz
5
50 GHz
Code
Function
DDemux
MMux
Code
Wavelength Range
CC band
L
L band
Code
Design Type1
0
Standard
WWideband
IBC-
Code
Center Wavelength
0
Aligned with ITU grid2
5
50 GHz offset
(for 100/200 GHz)
A
25 GHz offset
(for 50/100 GHz)
1. Dual stage modules available. Please contact JDSU for further details.
2. Standard.
3. Tolerance of ±0.1 meter.
Code
Fiber Length3
1
100 cm
5
50 cm
Code
Connector
0No connector
1FC/APC
2
SC/UPC
4FC/UPC
BLC/PC
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10113978 009 0908
IBC.DS.CC.AE
September 2008
SMF-28 is a registered trademark of Corning Incorporated. LC is a registered trademark of Lucent Technologies.
14


Similar Part No. - IBC-LW5D0145

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IBC04-36S12 ARTESYN-IBC04-36S12 Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12J ARTESYN-IBC04-36S12J Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12SJ ARTESYN-IBC04-36S12SJ Datasheet
822Kb / 2P
   1/8th brick bus converter
logo
Emerson Network Power
IBC17AEN4812-AJ EMERSON-NETWORKPOWER-IBC17AEN4812-AJ Datasheet
654Kb / 3P
   2nd Generation IBC
IBC17AEN4812-AKJ EMERSON-NETWORKPOWER-IBC17AEN4812-AKJ Datasheet
654Kb / 3P
   2nd Generation IBC
More results

Similar Description - IBC-LW5D0145

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Johanson Technology Inc...
2450FB15A0100 JOHANSON-2450FB15A0100 Datasheet
205Kb / 2P
   2.45 GHz Filter Balun 50:100廓 EIA 0805
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
JDS Uniphase Corporatio...
DWBW2F4S01 JDSU-DWBW2F4S01 Datasheet
132Kb / 3P
   Bandsplitters 100 GHz Channel Spacing
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
logo
Agilent(Hewlett-Packard...
85070E HP-85070E Datasheet
768Kb / 12P
   Dielectric Probe Kit 200 MHz to 50 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com