Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSH-01LWAB1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # JSH-01LWAB1
Description  10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-01LWAB1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  JSH-01LWAB1 Datasheet HTML 1Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 2Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 3Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 4Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 9Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
10 G IGABIT ETHERNET SFP+ 1310 NM
LIMITING TRANSCEI vER, 10 KM REACH
Figure 2
Recommended application schematic for the 10 G SFP+ optical transceiver
Notes
PowersupplyfilteringcomponentsshouldbeplacedasclosetotheVcc pins of the host connector as possible for optimal performance.
 PECLdriverandreceivercomponentswillrequirebiasingnetworks.Pleaseconsultapplicationnotesfromsuppliersofthesecomponents.CMLI/OonthePHYaresup-
ported. Good impedance matching for the driver and receiver is required.
 SDA and SCL should be bi-directional open collector connections in order to implement serial ID in JDSU SFP+ transceiver modules.
 R1/R2andR3/R4arenormallyincludedintheoutputandinputofthePHY.PleasechecktheapplicationnotesfortheICinuse.
* Transmission lines should be 100 W differentialtraces.Viasandothertransmissionlinediscontinuitiesshouldbeavoided.InordertomeetthehostTP1outputjitterand
TP4jittertolerancerequirementsitisrecommendedthatthePHYhasbothtransmitterpre-emphasistoequalizethetransmittertracesandreceiverequalizationtoequalizethe
receivertraces.Withappropriatetransmitterpre-emphasisandreceiverequalization,upto8dBoflossat5GHzcanbetolerated.
**R5andR6arerequiredwhenanOpenCollectordriverisusedinplaceofCMOSorTTLdrivers.5kW value is appropriate.
*** The value of Rp and Rqdependonthecapacitiveloadingoftheselinesandthetwowireinterfaceclockfrequency.SeeSFF-8431.Avalueof10kWisappropriatefor80pF
capacitive loading at 100 kHz clock frequency.
Power supply filter component values are provided on page 7.
Receiver (Tx Fault)
Vcc
10 kΩ
CMOS, TTL, or
Open Collector Driver
(Tx Disable)
Open Collector
Bidirectional
SDA
Vcc
Rp***
Vcc
Open Collector
Bidirectional
SCL
Rq
***
Mod_ABS
10 kΩ
Vcc
1 VeeT
2 Tx Fault
3 Tx Disable
4 SDA
5 SCL
6 MOD_ABS
7 RS0
8 LOS
9 RS1
10 VeeR
VeeT 20
TD- 19
TD+ 18
VeeT 17
VccT 16
VccR 15
VeeR 14
RD+ 13
RD- 12
VeeR 11
10 kΩ
Vcc
Receiver (LOS)
R1
* 50 Ω
R2
* 50 Ω
L1
L2
Z
* = 100Ω
PECL Driver
(TX DATA)
C1
C2
C5
C4
C3
CMOS or TTL Driver
(RS0 Rx Rate Select)
CMOS or TTL Driver
(RS1 Tx Rate Select)
Vcc
R6 ∗∗
R5 ∗∗
Vcc
Vcc +3.3V
Input
R3
*
50 Ω
R4
*
50 Ω
PECL Receiver
(RX DATA)
Z
* = 100 Ω
Power Supply Filter
C6
Ry
Rx
Section 2
Application Schematic


Similar Part No. - JSH-01LWAB1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-42L3AD3-20 JDSU-JSH-42L3AD3-20 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5G JDSU-JSH-42L3AD3-5G Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
More results

Similar Description - JSH-01LWAB1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
JXP-01LMAB1 JDSU-JXP-01LMAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-739ASMZ AVAGO-AFCT-739ASMZ Datasheet
442Kb / 18P
   10 Gb Ethernet, 1310 nm, 85 째C, 10GBASE-LR, SFP Transceiver for SMF 10 km links
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28_V01 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
logo
Source Photonics, Inc.
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com