Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSH-01LWAB1 Datasheet(PDF) 9 Page - JDS Uniphase Corporation

Part # JSH-01LWAB1
Description  10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-01LWAB1 Datasheet(HTML) 9 Page - JDS Uniphase Corporation

Back Button JSH-01LWAB1 Datasheet HTML 5Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 6Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 7Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 8Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 9Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 10Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 11Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 12Page - JDS Uniphase Corporation JSH-01LWAB1 Datasheet HTML 13Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
10 GIGABIT ETHERNET SFP+ 1310 NM
LIMITING TRANSCEIvER, 10 KM REACH
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Supplyvoltage
Vcc
3.14
3.3
3.47
V
Allelectricalandopticalspecifications
valid within this range
Power consumption
Pdiss
695
1000
mW
Datarate
9.95
10.3125
10.52
Gbps
BER<1x10-12
Supply current
Icc
288
mA
TotalEOLmodulecurrent,Icc T + IccR
Transmitter
Common mode voltage tolerance
DV
15
mVrms
Datadependentinputjitter
DDJ
0.10
UI
29-1 pattern, TP1, at 10.3 Gbps
(Note 1)
Datainputuncorrelatedjitter
Uj
0.023
UI(rms)
Datainputtotaljitter
TJ
0.28
UI
231-1pattern,TP1,BER<1x10-12,
at10.3Gbps(Notes1,6)
Inputdatadependentpulse
DDPWS
0.055
UI
ReferenceSFF-8431Revision3.2
width shrinkage
Eyemask
X1
0.12
UI
ReferenceSFF-8431Revision3.2,
X2
0.33
UI
Figure22
Y1
95
mV
Maskhitratioof5x10-5
Y2
350
mV
Transmitdisablevoltagelevels
VIH
2.0
Vcc+0.3
V
LaseroutputdisabledafterTTD if
VIL
-0.3
0.8
V
inputlevelisVIH; Laser output enabled
after TTENifinputlevelisVIL
Transmitdisable/enableasserttime TTD
100
μs
LaseroutputdisabledafterTTD if
TTEN
2
ms
inputlevelisVIH; Laser output enabled
after TTENifinputlevelisVIL
Transmit fault output levels
IOH
-50
+37.5
μA
FaultlevelisIOH and Laser output
VOL
-0.3
0.4
V
disabledTFault after laser fault. IOH is
measuredwitha4.7kW load to
Vcchost.VOLismeasuredat0.7mA.
Transmit fault assert and reset times TFault
1
ms
FaultisVOL and Laser output restored
TReset
10
μs
TINI after disable is asserted for TReset,
then disabled.
Initialization time
TINI
300
ms
AfterhotplugorVcc ≥3.14V
Receiver
Dataoutputrise/falltime
tr/tf
28
ps
20%–80%,differential
Outputcommonmodevoltage
7.5
mVrms
RLOAD=25W, common mode
99%jitter
0.42
UI
231-1pattern,TP4,at10.3Gbps
(Notes1,4,7)
Totaljitter
TJ
0.70
UI
231-1pattern,TP4,BER<1x10-12,
at10.3Gbps(Notes1,4,6)
Eyemask
X1
0.35
UI
ReferenceSFF-8431Revision3.2,
Y1
200
mV
Figure23
Y2
425
mV
Maskhitratioof5x10-5
Loss of signal levels
IOH
-50
+37.5
μA
LOSoutputlevelIOL TLOSD after light
input>LOSD(Note2)
V
OL
-0.3
0.4
V
LOSoutputlevelVOH TLOSA after light
input<LOSA(Note2)
Lossofsignalassert/deasserttime
T
LOSA
100
μs
LOSoutputlevelVOL TLOSD after light
input>LOSD(Note2)
T
LOSD
100
μs
LOSoutputlevelVOH TLOSA after light
input<LOSA(Note2)
Note:AllhighfrequencymeasurementsaremadewiththemodulecomplianceboardasdescribedinSFF8431
3.4
Electrical Characteristics


Similar Part No. - JSH-01LWAB1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-42L3AD3-20 JDSU-JSH-42L3AD3-20 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5G JDSU-JSH-42L3AD3-5G Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
More results

Similar Description - JSH-01LWAB1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
JXP-01LMAB1 JDSU-JXP-01LMAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-739ASMZ AVAGO-AFCT-739ASMZ Datasheet
442Kb / 18P
   10 Gb Ethernet, 1310 nm, 85 째C, 10GBASE-LR, SFP Transceiver for SMF 10 km links
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28_V01 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
logo
Source Photonics, Inc.
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com