Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A500RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A500RU
Description  Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A500RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A500RU Datasheet HTML 1Page - MicroPower Direct, LLC A500RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an ex-
ternal 0.47 μF ceramic capacitor be placed from the +Vout pin
to the -Vout pin for single output units and from each output to
common for dual output units. For noise sensitive applications,
the use of 3.3 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a
load step change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. Dual output units may be connected to provide a 10, 24 or 30 VDC
output. To do this, connect the load across the positive (+Vout)
and negative (-Vout) outputs and float the output common.
5. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect the
converter stability. In applications where the converter output
loading is high and input power is supplied over long lines, it may
be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100
kHz) capacitor be mounted close to the converter. For 24V input
units a 4.7 μF is recommended and for 48V units a 2.2 μF.
6. It is always recommended that a fuse be used on the input of a
power supply for protection. See the table above for the correct
rating.
Mechanica
All dimens
Tolerance
MicroPower Direct
www.micropowerdirect.com
292 Page Street, STE D, Stoughton, MA 02072 TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve
Pin
Single
Dual
2, 3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Single Output
μF Max
Dual Output
μF Max
3,000
±680
Capacitive Load
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A501RU
24
9.0 - 36.0
212
20
10
3.3
1,200
120.0
78
1,500
A502RU
24
9.0 - 36.0
257
20
10
5.0
1,000
100.0
81
1,500
A503RU
24
9.0 - 36.0
291
20
10
12.0
500
50.0
86
1,500
A504RU
24
9.0 - 36.0
294
20
10
15.0
400
40.0
85
1,500
A505RU
24
9.0 - 36.0
257
20
10
±5.0
±500
±50.0
81
1,500
A506RU
24
9.0 - 36.0
291
20
10
±12.0
±250
±25.0
86
1,500
A507RU
24
9.0 - 36.0
294
20
10
±15.0
±200
±20.0
85
1,500
A511RU
48
18.0 - 75.0
106
10
10
3.3
1,200
120.0
78
750
A512RU
48
18.0 - 75.0
129
10
10
5.0
1,000
100.0
81
750
A513RU
48
18.0 - 75.0
145
10
10
12.0
500
50.0
86
750
A514RU
48
18.0 - 75.0
147
10
10
15.0
400
40.0
85
750
A515RU
48
18.0 - 75.0
123
10
10
±5.0
±500
±50.0
81
750
A516RU
48
18.0 - 75.0
145
10
10
±12.0
±250
±25.0
86
750
A517RU
48
18.0 - 75.0
147
10
10
±15.0
±200
±20.0
85
750


Similar Part No. - A500RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A500RHI MPD-A500RHI Datasheet
834Kb / 2P
   Very High Isolation, 5W Single & Dual Output DC/DC Converters
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results

Similar Description - A500RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
   Wide Input, 5W SMT Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
   Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com