Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42B Datasheet(PDF) 4 Page - Mospec Semiconductor

Part # TIP42B
Description  POWER TRANSISTORS(6A,40-100V,65W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP42B Datasheet(HTML) 4 Page - Mospec Semiconductor

  TIP42B Datasheet HTML 1Page - Mospec Semiconductor TIP42B Datasheet HTML 2Page - Mospec Semiconductor TIP42B Datasheet HTML 3Page - Mospec Semiconductor TIP42B Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - TIP42B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP42B MOTOROLA-TIP42B Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Micro Commercial Compon...
TIP42B MCC-TIP42B Datasheet
143Kb / 2P
   Silicon PNP Power Transistors
logo
Bourns Electronic Solut...
TIP42B BOURNS-TIP42B Datasheet
91Kb / 4P
   PNP SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP42B ONSEMI-TIP42B Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Weitron Technology
TIP42B WEITRON-TIP42B Datasheet
778Kb / 3P
   PNP Silicon Epitaxial Power Transistor
More results

Similar Description - TIP42B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
   Complementary Silicon Power Transistor 6A/40~100V/65W
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
   POWER TRANSISTORS(6A,120-160V,65W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com