Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42F Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # TIP42F
Description  POWER TRANSISTORS(6A,120-160V,65W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP42F Datasheet(HTML) 3 Page - Mospec Semiconductor

  TIP42F Datasheet HTML 1Page - Mospec Semiconductor TIP42F Datasheet HTML 2Page - Mospec Semiconductor TIP42F Datasheet HTML 3Page - Mospec Semiconductor TIP42F Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - TIP42F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIP42F ISC-TIP42F Datasheet
252Kb / 2P
   isc Silicon PNP Power Transistors
More results

Similar Description - TIP42F

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,120-160V,80W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
TIP31D MOSPEC-TIP31D Datasheet
200Kb / 4P
   POWER TRANSISTORS(3.0A,120-160V,40W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com