Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBC-LW1DA145 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # IBC-LW1DA145
Description  50/100 GHz, 100/200 GHz Passive Interleavers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IBC-LW1DA145 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  IBC-LW1DA145 Datasheet HTML 1Page - JDS Uniphase Corporation IBC-LW1DA145 Datasheet HTML 2Page - JDS Uniphase Corporation IBC-LW1DA145 Datasheet HTML 3Page - JDS Uniphase Corporation IBC-LW1DA145 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Low dispersion
• Low insertion loss
• High channel isolation
• Wide clear bandwidth
• Full C- or L-band coverage
• Athermal design
The JDSU interleaver is a terabit-enabling technology for ultradense wavelength-
division multiplexing (DWDM) applications. When used in the mux
configuration, the interleaver combines two streams of periodic optical signals
(one stream carries even channels and the other carries odd channels) into one
stream of signals of half the channel spacing. When used in the demux
configuration, the signal is separated into two complementary streams (even and
odd channels) of twice the channel spacing.
The low dispersion interleaver, based on patented technology, features a wide clear
bandwidth, minimal thermal drift, low insertion loss, low ripple, and low
polarization dependent loss (PDL). Temperature control is not required.
Applications
• Extend existing network capacity
• Bridge existing and new DWDM
platforms
• Ultradense DWDM mux/demux
and add/drop applications
• Bidirectional networks
• Optical signal comb filtering
50/100 GHz, 100/200 GHz Passive Interleavers
IBC Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - IBC-LW1DA145

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
IBC04-36S12 ARTESYN-IBC04-36S12 Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12J ARTESYN-IBC04-36S12J Datasheet
822Kb / 2P
   1/8th brick bus converter
IBC04-36S12SJ ARTESYN-IBC04-36S12SJ Datasheet
822Kb / 2P
   1/8th brick bus converter
logo
Emerson Network Power
IBC17AEN4812-AJ EMERSON-NETWORKPOWER-IBC17AEN4812-AJ Datasheet
654Kb / 3P
   2nd Generation IBC
IBC17AEN4812-AKJ EMERSON-NETWORKPOWER-IBC17AEN4812-AKJ Datasheet
654Kb / 3P
   2nd Generation IBC
More results

Similar Description - IBC-LW1DA145

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Johanson Technology Inc...
2450FB15A0100 JOHANSON-2450FB15A0100 Datasheet
205Kb / 2P
   2.45 GHz Filter Balun 50:100廓 EIA 0805
logo
Cree, Inc
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
   100 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
   Ultra-Fast 100 GHz Photodetector
logo
JDS Uniphase Corporatio...
DWBW2F4S01 JDSU-DWBW2F4S01 Datasheet
132Kb / 3P
   Bandsplitters 100 GHz Channel Spacing
logo
Pasternack Enterprises,...
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
   50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
logo
Agilent(Hewlett-Packard...
85070E HP-85070E Datasheet
768Kb / 12P
   Dielectric Probe Kit 200 MHz to 50 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com