Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFC-A3S12B1 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # FFC-A3S12B1
Description  Fused Coupler,Two Window
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-A3S12B1 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  FFC-A3S12B1 Datasheet HTML 1Page - JDS Uniphase Corporation FFC-A3S12B1 Datasheet HTML 2Page - JDS Uniphase Corporation FFC-A3S12B1 Datasheet HTML 3Page - JDS Uniphase Corporation FFC-A3S12B1 Datasheet HTML 4Page - JDS Uniphase Corporation FFC-A3S12B1 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Provides 1310 nm and 1550 nm wavelength coverage
• Broadband operation ±40 nm
• High power handling
• Wide range of regular parts available "to go"
• Proven reliability
The two window fused coupler splits or combines light with high performance
over two wavelength regions, maintaining a broad bandwidth in both. This
component is manufactured with a highly automated process to achieve
consistent quality and reliability.
Regular parts are available with a wide variety of tap ratios, housing and
connector options and can therefore be readily specified in a wide variety of
applications, enabling rapid design cycles and new project builds. Reliability is
assured through qualification to Telcordia GR-1221.
Applications
• Passive optical networks
•CATV
• Network expansion
• Fixed attenuation (select
configuration option 0)
Compliance
• Telcordia GR-1221
Fused Coupler, Two Window
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - FFC-A3S12B1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32L JDSU-FFC-32L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results

Similar Description - FFC-A3S12B1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com