Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSH-42L3AD3-5 Datasheet(PDF) 11 Page - JDS Uniphase Corporation

Part # JSH-42L3AD3-5
Description  LW 4x/2x/1x FC SFP with DDM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-42L3AD3-5 Datasheet(HTML) 11 Page - JDS Uniphase Corporation

Back Button JSH-42L3AD3-5 Datasheet HTML 7Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 8Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 9Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 10Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 11Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 12Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 13Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 14Page - JDS Uniphase Corporation JSH-42L3AD3-5 Datasheet HTML 15Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
JSH-42L3AD3-5, JSH-42L3AD3-5G
JSH-42L3AD3-20
LW 4x/2x/1x FC SFP with DDM
OCTOBER 2008
JDSU Product Specification 21111542-001
Page 11 of 45
Two-Wire Protocol for Serial ID and Digital Diagnostic Monitoring Information
Product specific information is stored in the device and is accessible via a standard two-wire interface. Some
of the data is non-volatile and some is updated real time with data that characterizes critical conditions of the
transceiver. While most registers are read only, some registers can be written by the customer for use as
scratch space or to set interrupt enables or clear interrupt indicators.
There are two data addresses which can be used to access two different sets of data. The page address
0b1010000X is used for the set of Serial ID data and the page address 0b1010001X is used for the set of Dig-
ital Diagnostic Monitoring information.
Critical timings for communicating to the module on the two-wire interface are shown in Two-Wire Interface
Figure 8 on page 14. For more information on the Serial ID protocol, see Two-Wire Interface Timing Specifi-
cations on page 23.
Two-wire Data Read
To read data from the device, the following sequence must occur on the Two-wire interface (refer to Two-
Wire Interface Figure 2 on page 13, Two-Wire Interface Figure 3 on page 13, and Two-Wire Interface Figure
4 on page 13 throughout these steps):
1. Send a start signal to the module.
A start signal is presented by toggling the data line from high to low while the clock is high (see Two-Wire
Interface Figure 2 on page 13).
2. Send the write data sequence.
The write data sequence consists of the bits 0b10100000 for the Serial ID data or 0b10100010 for the
Digital Diagnostic Monitoring information.
3. Receive an acknowledge signal.
One zero bit is the acknowledge signal.
Once this sequence has been acknowledged, the user will send the memory address to start reading
from.
4. Send the address of the first byte to be read during the subsequent sequence.
5. Receive an acknowledge signal.
6. Send a start signal.
7. Send the read data sequence.
The read data sequence consists of the bits 0b10100001 for the Serial ID data or 0b10100011 for the
Digital Diagnostic Monitoring information.
8. Receive an acknowledge signal.
Once this sequence has acknowledged, the user will begin receiving data bytes.
9. Receive a data byte.
10. Send an acknowledge signal to receive the next, consecutive data byte, or send a no-acknowledge signal
followed by a stop signal to stop receiving data.
A stop signal is presented by toggling the data line from low to high while the clock is high (see Two-Wire
Interface Figure 2 on page 13).


Similar Part No. - JSH-42L3AD3-5

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-01LWAA1 JDSU-JSH-01LWAA1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-01LWAB1 JDSU-JSH-01LWAB1 Datasheet
671Kb / 22P
   10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
JSH-85L3AB1-10 JDSU-JSH-85L3AB1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
More results

Similar Description - JSH-42L3AD3-5

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
List of Unclassifed Man...
MI950 ETC2-MI950 Datasheet
769Kb / 1P
   4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
logo
Maxim Integrated Produc...
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
   Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
logo
List of Unclassifed Man...
MB935 ETC2-MB935 Datasheet
588Kb / 1P
   4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
   Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
Pulse A Technitrol Comp...
RAZ32011DM PULSE-RAZ32011DM Datasheet
1Mb / 19P
   GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com