Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP106G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KBP106G
Description  VOLTAGE 50V ~ 1000V 1.5 AMP Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBP106G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KBP106G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBP106G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2006 Rev. B
Page 2 of 2
Elektronische Bauelemente
KBP1005G ~ KBP110G
VOLTAGE 50V ~ 1000V
1.5 AMP Bridge Rectifiers
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE,  
SINGLE PHASE HALF WAVE 60Hz
50
100
150
0.00
0.50
1.00
1.50
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
0
0.2
TJ=2
o
5 C
25
25
oC
oC
 
FIG.4-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
1
2
5
10
20
50
100
60
TJ=  
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
TJ=  
RESISTIVE OR INDUCTIVE LOAD
20.0
40
50


Similar Part No. - KBP106G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP106G JGD-KBP106G Datasheet
122Kb / 2P
   SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP106G TSC-KBP106G Datasheet
48Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP106G TSC-KBP106G Datasheet
214Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP106G TSC-KBP106G Datasheet
468Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
KBP106G LUGUANG-KBP106G Datasheet
178Kb / 2P
   Single Phase 1.0AMP. Glass Passivatec Bridge Rectifiers
More results

Similar Description - KBP106G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TB151S SECOS-TB151S Datasheet
94Kb / 1P
   Voltage 50V ~ 1000V 1.5 Amp Silicon Bridge Rectifiers
MD151S SECOS-MD151S Datasheet
384Kb / 2P
   Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
   VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com