Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU4K Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KBU4K
Description  VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBU4K Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KBU4K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBU4K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
KBU4A ~ KBU4M
VOLTAGE 50V ~ 1000V
4.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
FIG.3-MAXMUM NO-RETETITIVE PEAK
FORWARD SURGE CURRENT
300
250
200
150
100
25
50
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
8.0
6.0
4.0
2.0
0
0
50
100
150
TEMPERATURE, C
O
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERSTIC
INSTANANEOUS FORWARD VOLTAGE, VOLTS
100
40
10
10
4.0
1.0
0.4
0.2
0.1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
NUMBER OF CYCELS AT 60Hz
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
REPCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
20
40
60
80
100
120
140
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
250
200
150
100
50
1
10
100
0.1
1.0
10
100
400
100
50
10
1
5
10
50 100
KBU6/RS6
KBU4
KBU8
HEAT SINK
MOUNTING
KBU8
MOUNTED ON4X4 INCH
COPPER PC BOARD. TA
.51(1.27mm)LEAD LENGTH
KBU6.8
KBU4
PULSE WIDTH = 300s
1%DUTY CYCLE
O
T =25C
J
O
T =100 C
C
O
T =25C
A
O
T =25C
J
8.3ms SINGLE HALF SINE-WAVE
JEDEC Method
KBU8
KBU6
KBU4
KBU4
O
T =25C
J
O
T =25C
J
KBU6
KBU8


Similar Part No. - KBU4K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU4K PANJIT-KBU4K Datasheet
54Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
SEMTECH ELECTRONICS LTD...
KBU4K SEMTECH_ELEC-KBU4K Datasheet
191Kb / 1P
   SINGLE - PHASE BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU4K SEMTECH-KBU4K Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
RFE international
KBU4K RFE-KBU4K Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Fairchild Semiconductor
KBU4K FAIRCHILD-KBU4K Datasheet
59Kb / 4P
   4.0 Ampere Silicon Bridge Rectifiers
More results

Similar Description - KBU4K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RS401M SECOS-RS401M Datasheet
291Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
4GBJ4005 SECOS-4GBJ4005 Datasheet
987Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
RS801G SECOS-RS801G Datasheet
101Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RS1505G SECOS-RS1505G Datasheet
94Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
KBU10A SECOS-KBU10A Datasheet
100Kb / 2P
   VOLTAGE 50V ~ 1000V 10 AMP Glass Passivated Bridge Rectifiers
KBL6005G SECOS-KBL6005G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
RL201G SECOS-RL201G Datasheet
221Kb / 2P
   Voltage 50V ~ 1000V 2.0 Amp Glass Passivated Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com