Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBU8G
Description  VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBU8G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBU8G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBU8G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KBU8A ~ KBU8M
VOLTAGE 50V ~ 1000V
8AMP Glass Passivated Bridge Rectifiers
KBU
FEATURES
. Surge overload rating – 150 amperes peak
. Ideal for printed circuit board
. Reliable low cost construction utilizing
molded plastic technique
. Plastic material has underwrites laboratory
Flammability classification 94V-0
. Mounting position: Any
. Mounting torque: 5 ln. lb. Max.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
a
C
O
mbient temperature unless otherwise specified
.
Resistive or inductive load, 60Hz,
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
KBU8A
KBU8B
KBU8D
KBU8G
KBU8J
KBU8K
KBU8M
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Output Current @ TA=50
/40
/45
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed
on rated load (JEDEC method)
IFSM
300
A
Maximum Forward Voltage Drop
Per Bridge Element at 10.0A Peak
VF
1.1
V
Maximum Reverse Current at Rated
DC Blocking Voltage per Element @ TA=25
10
µA
Maximum Reverse Current at Rated
DC Blocking Voltage per Element @ TC=100
IR
10
mA
Operating and Storage Temperature Range
TJ, TSTG
- 55 ~ + 150
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
AC
.935(23.7)
.895(22.7)
.700(17.8)
.600(16.8)
.100
(25.4)
MIN.
.083
(2.1)
.280(7.1)
.260(6.6)
.220(5.6) SPACING
.180(4.6)
.052(1.3) DIA.
.048(1.2) TYP.
.780(19.8)
.740(18.8)
(3.8 x 5.7 L)
HOLE THRO
.300
(7.5)
Ø
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - KBU8G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
KBU8G BILIN-KBU8G Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Pan Jit International I...
KBU8G PANJIT-KBU8G Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8G BILIN-KBU8G Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBU8G AMERICASEMI-KBU8G Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBU8G GENESIC-KBU8G Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBU8G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
   Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
GBJ6005 SECOS-GBJ6005 Datasheet
201Kb / 2P
   Voltage 50V ~ 1000V 6Amp Glass Passivated Bridge Rectifiers
GBJ35005 SECOS-GBJ35005 Datasheet
263Kb / 2P
   Voltage 50V ~ 1000V 35Amp Glass Passivated Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
   Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com