Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00PWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC00PWR
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC00PWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC00PWR Datasheet HTML 1Page - Texas Instruments SN74HC00PWR Datasheet HTML 2Page - Texas Instruments SN74HC00PWR Datasheet HTML 3Page - Texas Instruments SN74HC00PWR Datasheet HTML 4Page - Texas Instruments SN74HC00PWR Datasheet HTML 5Page - Texas Instruments SN74HC00PWR Datasheet HTML 6Page - Texas Instruments SN74HC00PWR Datasheet HTML 7Page - Texas Instruments SN74HC00PWR Datasheet HTML 8Page - Texas Instruments SN74HC00PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8403701VCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
5962-8403701VDA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
84037012A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
8403701CA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
8403701DA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
JM38510/65001B2A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
JM38510/65001BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/65001BDA
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
SN54HC00J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SN74HC00ADBLE
OBSOLETE
SSOP
DB
14
None
Call TI
Call TI
SN74HC00D
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC00DR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC00DT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC00N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74HC00N3
OBSOLETE
PDIP
N
14
None
Call TI
Call TI
SN74HC00NS
ACTIVE
SO
NS
14
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC00NSLE
OBSOLETE
SO
NS
14
None
Call TI
Call TI
SN74HC00NSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC00PW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SN74HC00PWLE
OBSOLETE
TSSOP
PW
14
None
Call TI
Call TI
SN74HC00PWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SN74HC00PWT
ACTIVE
TSSOP
PW
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
SNJ54HC00FK
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
SNJ54HC00J
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
SNJ54HC00W
ACTIVE
CFP
W
14
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Mar-2005
Addendum-Page 1


Similar Part No. - SN74HC00PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC00PWR TI-SN74HC00PWR Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWR TI1-SN74HC00PWR Datasheet
1Mb / 28P
[Old version datasheet]   SNx4HC00 Quadruple 2-Input Positive-NAND Gates
SN74HC00PWRE4 TI-SN74HC00PWRE4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74HC00PWRE4 TI1-SN74HC00PWRE4 Datasheet
1Mb / 28P
[Old version datasheet]   SNx4HC00 Quadruple 2-Input Positive-NAND Gates
SN74HC00PWRG4 TI-SN74HC00PWRG4 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HC00PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com