Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC02W Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC02W
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC02W Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54HC02W Datasheet HTML 2Page - Texas Instruments SNJ54HC02W Datasheet HTML 3Page - Texas Instruments SNJ54HC02W Datasheet HTML 4Page - Texas Instruments SNJ54HC02W Datasheet HTML 5Page - Texas Instruments SNJ54HC02W Datasheet HTML 6Page - Texas Instruments SNJ54HC02W Datasheet HTML 7Page - Texas Instruments SNJ54HC02W Datasheet HTML 8Page - Texas Instruments SNJ54HC02W Datasheet HTML 9Page - Texas Instruments SNJ54HC02W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
SN74HC02PWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC02PWT
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC02PWTE4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HC02FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
N / A for Pkg Type
SNJ54HC02J
ACTIVE
CDIP
J
14
1
TBD
Call TI
N / A for Pkg Type
SNJ54HC02W
ACTIVE
CFP
W
14
1
TBD
Call TI
N / A for Pkg Type
SNV54HC02J
ACTIVE
CDIP
J
14
TBD
Call TI
Call TI
SNV54HC02W
ACTIVE
CFP
W
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jan-2006
Addendum-Page 2


Similar Part No. - SNJ54HC02W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC02W TI-SNJ54HC02W Datasheet
491Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SNJ54HC02W TI-SNJ54HC02W Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SNJ54HC02W TI-SNJ54HC02W Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SNJ54HC02W TI1-SNJ54HC02W Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC02 Quadruple 2-Input Positive-NOR Gates
More results

Similar Description - SNJ54HC02W

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
74AC11002D TI-74AC11002D Datasheet
83Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com