Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFC-A2L22B1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # FFC-A2L22B1
Description  Fused Coupler,Two Window
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-A2L22B1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  FFC-A2L22B1 Datasheet HTML 1Page - JDS Uniphase Corporation FFC-A2L22B1 Datasheet HTML 2Page - JDS Uniphase Corporation FFC-A2L22B1 Datasheet HTML 3Page - JDS Uniphase Corporation FFC-A2L22B1 Datasheet HTML 4Page - JDS Uniphase Corporation FFC-A2L22B1 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FUSED COUPLER, TWO WINDOW
Insertion Loss
Coupling Ratio
Attenuation
Grade
Signal Path
Tap Path (or Attenuator Path)
Insertion Loss (Min./Max.)
Insertion Loss (Min./Max.)
1%
20 dB
1
NA/0.3 dB
15.5/23.5 dB
1%
20 dB
2
NA/0.4 dB
14.8/24.1 dB
2%
17 dB
1
NA/0.3 dB
14.0/19.8 dB
2%
17 dB
2
NA/0.4 dB
13.8/21.0 dB
3%
15 dB
1
NA/0.4 dB
12.8/18.2 dB
3%
15 dB
2
NA/0.4 dB
12.8/19.5 dB
5%
13 dB
1
NA/0.4 dB
11.8/14.6 dB
5%
13 dB
2
NA/0.5 dB
10.6/18.9 dB
10%
10 dB
1
0.3/0.6 dB
9.6/11.3 dB
10%
10 dB
2
0.2/0.8 dB
8.3/12.7 dB
20%
7 dB
1
0.8/1.2 dB
6.5/7.9 dB
20%
7 dB
2
0.7/1.4 dB
5.9/8.5 dB
30%
5.2 dB
1
1.3/1.9 dB
4.7/6.0 dB
30%
5.2 dB
2
1.2/2.1 dB
4.3/6.4 dB
33%
4.8 dB
1
1.4/2.1 dB
4.2/5.6 dB
33%
4.8 dB
2
1.3/2.3 dB
3.9/5.9 dB
40%
4 dB
1
1.8/2.7 dB
3.5/4.7 dB
40%
4 dB
2
1.7/2.9 dB
3.2/5.0 dB
50%
3 dB
1
2.6/3.6 dB
2.6/3.6 dB
50%
3 dB
2
2.3/3.9 dB
2.3/3.9 dB
Specifications
Parameter (50/50 coupling ratio)
Grade 1
Grade 2
Center wavelength
1310, 1550 nm
1310, 1550 nm
Insertion loss (without connectors)
Maximum
3.6 dB
3.9 dB
Excess loss (without connectors)
Typical
0.1 dB
0.3 dB
Uniformity
Maximum
0.8 dB
1.1 dB
Polarization dependent loss
Maximum
0.15 dB
0.2 dB
Optical return loss
Minimum
50 dB
50 dB
Directivity
Minimum
55 dB
55 dB
Temperature coefficient
Typical
0.002 dB/°C
0.002 dB/°C
Package dimensions
S package (D x L)
3.0 x 54 mm
3.0 x 54 mm
L package (D x L)
3.6 x 70 mm
3.6 x 70 mm
H package (L x W x H)
85 x 17.8 x 7.5 mm
85 x 17.8 x 7.5 mm
Operating temperature1
-40 to 85 °C
-40 to 85 °C
Storage temperature1
-50 to 85 °C
-50 to 85 °C
1. -20 to 70 °C for 3.0 mm cable.


Similar Part No. - FFC-A2L22B1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32L JDSU-FFC-32L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results

Similar Description - FFC-A2L22B1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com