Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A527RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A527RW
Description  Wide Input Range, 5W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A527RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A527RW Datasheet HTML 1Page - MicroPower Direct, LLC A527RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Leads are gold plated for improved
solderability.
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 μF ce-
ramic capacitor be placed from the +Vout pin to the -Vout pin for single output
units and from each output to common for dual output units. For noise sensitive
applications, the use of 3.3 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change
of 75% to 100%.
3. Operation at no-load will not damage these units. However, they may not meet
all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC
output. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common.
5. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In
applications where the converter output loading is high and input power is sup-
plied over long lines, it may be necessary to use a capacitor on the input to insure
start-up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 10 μF is recommended,
for 12V input units, a 3.3 μF; and for 24V & 48V units a 2.2 μF.
6. It is recommended that a fuse be used on the input of a power supply for protec-
tion. See the table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A501RW
12
9.0 - 18.0
429
20
25
3.3
1,200.0
60.0
77
1,500
A502RW
12
9.0 - 18.0
514
20
25
5.0
1,000.0
50.0
81
1,500
A503RW
12
9.0 - 18.0
595
20
25
12.0
500.0
25.0
84
1,500
A504RW
12
9.0 - 18.0
595
20
25
15.0
400.0
20.0
84
1,500
A505RW
12
9.0 - 18.0
514
20
25
±5.0
±500.0
±25.0
81
1,500
A506RW
12
9.0 - 18.0
595
20
25
±12.0
±250.0
±12.5
84
1,500
A507RW
12
9.0 - 18.0
595
20
25
±15.0
±200.0
±10.0
84
1,500
A511RW
24
18.0 - 36.0
209
5
15
3.3
1,200.0
60.0
79
700
A512RW
24
18.0 - 36.0
251
5
15
5.0
1,000.0
50.0
83
700
A513RW
24
18.0 - 36.0
291
5
15
12.0
500.0
25.0
86
700
A514RW
24
18.0 - 36.0
291
5
15
15.0
400.0
20.0
86
700
A515RW
24
18.0 - 36.0
251
5
15
±5.0
±500.0
±25.0
83
700
A516RW
24
18.0 - 36.0
291
5
15
±12.0
±250.0
±12.5
86
700
A517RW
24
18.0 - 36.0
291
5
15
±15.0
±200.0
±10.0
86
700
A521RW
48
36.0 - 75.0
104
3
10
3.3
1,200.0
60.0
79
350
A522RW
48
36.0 - 75.0
126
3
10
5.0
1,000.0
50.0
83
350
A523RW
48
36.0 - 75.0
145
3
10
12.0
500.0
25.0
86
350
A524RW
48
36.0 - 75.0
145
3
10
15.0
400.0
20.0
86
350
A525RW
48
36.0 - 75.0
126
3
10
±5.0
±500.0
±25.0
83
350
A526RW
48
36.0 - 75.0
145
3
10
±12.0
±250.0
±12.5
86
350
A527RW
48
36.0 - 75.0
145
3
10
±15.0
±200.0
±10.0
86
350
A551RW
5
4.5 - 7.0
1,056
70
100
3.3
1,200.0
60.0
75
3,000
A552RW
5
4.5 - 7.0
1,265
70
100
5.0
1,000.0
50.0
79
3,000
A553RW
5
4.5 - 7.0
1,463
70
100
12.0
500.0
25.0
82
3,000
A554RW
5
4.5 - 7.0
1,463
70
100
15.0
400.0
20.0
82
3,000
A555RW
5
4.5 - 7.0
1,265
70
100
±5.0
±500.0
±25.0
79
3,000
A556RW
5
4.5 - 7.0
1,463
70
100
±12.0
±250.0
±12.5
82
3,000
A557RW
5
4.5 - 7.0
1,463
70
100
±15.0
±200.0
±10.0
82
3,000
Pin
Single
Dual
Pin
Single
Dual
2, 3
-Vin
-Vin
14
+Vout
+Vout
9
No Pin
Common
16
-Vout
Common
11
NC
-Vout
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Single Output
Dual Output
6,800 μF Max
±1,000 μF Max
Capacitive Load
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - A527RW

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A52 CONNOR-WINFIELD-A52 Datasheet
53Kb / 1P
   8 PIN DIP ACMOS
logo
Moxa Inc.
A52 MOXA-A52 Datasheet
235Kb / 3P
   Entry-level RS-232 to RS-422/485 converters
A52-DB25FW/ADAPTER MOXA-A52-DB25FW/ADAPTER Datasheet
235Kb / 3P
   Entry-level RS-232 to RS-422/485 converters
A52-DB25FW/OADAPTER MOXA-A52-DB25FW/OADAPTER Datasheet
235Kb / 3P
   Entry-level RS-232 to RS-422/485 converters
A52-DB9FW/ADAPTER MOXA-A52-DB9FW/ADAPTER Datasheet
235Kb / 3P
   Entry-level RS-232 to RS-422/485 converters
More results

Similar Description - A527RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
   Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000 Datasheet
208Kb / 8P
   5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
   Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com