Electronic Components Datasheet Search |
|
MD3S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
MD3S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Elektronische Bauelemente MD1S THRU MD7S VOLTAGE 50V ~ 1000V 0.8 AMP Single Phase Surface Mount Bridge Rectifiers MDS FEATURES . RoHS Compliant Product . Ideal for printed circuit board . Reliable low cost construction utilizing molded plastic technique . High surge current capability . Polarity: Symbol molded on body . Mounting position:Any . Weight: 0.12 grams Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 ambient temperatures unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER MD1S MD2S MD3S MD4S MD5S MD6S MD7S UNITS Maximum Recurrent Peak Reverse Voltage 50 100 200 400 600 800 1000 V Maximum RMS Voltage 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current at Ta = 40 (Note1) 0.8 A Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) 30 A Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C. 1.0 V Maximum DC Reverse Current Ta = 25 5.0 at Rated DC Blocking Voltage Ta = 125 500 µA Typical Thermal Resistance R JA (Note2) 75 /W Operating Temperature Range, TJ -55 ~ +150 Storage Temperature Range, TSTG -55 ~ +150 Notes: 1. Mounted on P.C. Board. 2. Thermal Resistance Junction to Ambient. http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual .157(4.0) .106(2.7) 2.75(7.0) MAX. .008(0.2) MAX. .106(2.7) .193(4.9) .031(0.8) .141(3.6) .090(2.3) .090(2.3) .177(4.5) .023(0.6) + ~ ~ .118(3.0) MAX. .043(1.1) .027(0.7) .043(1.1) .027(0.7) 01-Jun-2002 Rev. A Page 1 of 2 A suffix of "-C" specifies halogen & lead-free |
Similar Part No. - MD3S |
|
Similar Description - MD3S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |