Electronic Components Datasheet Search |
|
FFS-B33K6 Datasheet(PDF) 3 Page - JDS Uniphase Corporation |
|
FFS-B33K6 Datasheet(HTML) 3 Page - JDS Uniphase Corporation |
3 / 3 page NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU LC is a registered trademark of Lucent Technologies. 3 Ordering Information For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com. Sample: FFS-G32K31A10 (Fused Fiber Speciality Coupler, 532 nm, 50/50 coupling ratio, regular housing, 1x2, A grade, 1 m pigtails, no connectors) FUSED COUPLER, VISIBLE LIGHT 1. Other coupling ratio are available. Please contact JDSU for ordering codes of coupling ratios not listed. 2. Connectors may be fitted to housing types 4, 5 and 6. For connectorisation of housing type 3, please contact JDSU sales office. 3. 1x2 couplers for blue wavelengths (i.e. <500 nm) are supplied as a 2x2 with an external termination on port P4. 4. Minimum pigtail length. Other pigtail lengths are available on request. When the pigtail has been modified to include a connector, pigtail length measurment includes the connector end face. 5. Excess loss in specification table does not include connector losses. 6. LC connector is not available for housing code 6, fully ruggedised housing. Code Housing2 3Regular 4 Ø 0.9 mm slim 5 Ø 0.9 mm semi-ruggedised 6 Ø 3.0mm fully ruggedised Code Configuration3 11x2 22x2 Code Wavelength (Second and Third Digit) Examples: 33 x33 nm 32 x32 nm 57 x57 nm Code Wavelength (First Digit) R6xx nm (red) G5xx nm (green) B4xx nm (blue) FFS- Code Coupling Ratio1 A 10% C 20% E 30% H 40% K 50% Code Pigtail Length4 00.5 meter 11 meter Code Connectors2,5 0None 1FC/PC 3FC/APC 5SC/APC 9 FC/UPC ASC/UPC BLC6 Code Grade AGrade A BGrade B Specifications Parameter Specification Operating wavelength range Specified wavelength within the range of 450 to 700 nm Operating temperature range1 -40 to 75 °C Storage temperature range -40 to 85 °C Fiber type Short wavelength speciality fiber 1. For connectorised component, operating temperature range is -5 to 75 °C. Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 21027806 Rev. 003 10/05 FFSVL.DS.CC.AE March 2007 |
Similar Part No. - FFS-B33K6 |
|
Similar Description - FFS-B33K6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |