Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z4V3 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MM5Z4V3
Description  Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM5Z4V3 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MM5Z4V3 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM5Z4V3 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM5Z4V3 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM5Z4V3 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MM5Z2V4
2.2
2.4
5.0
100
600
1.0
50
-3.5
0
MM5Z2V7
2.5
2.7
5.0
100
600
1.0
20
-3.5
0
MM5Z3V0
2.8
3.0
5.0
95
600
1.0
10
-3.5
0
MM5Z3V3
3.1
3.3
3.5
5.0
95
600
1.0
5.0
1.0
-3.5
0
MM5Z3V6
3.4
3.6
3.8
90
600
1.0
5.0
1.0
-3.5
0
MM5Z3V9
3.7
3.9
4.1
5.0
90
600
1.0
3.0
1.0
-3.5
0
MM5Z4V3
4.0
4.3
4.6
5.0
90
600
1.0
3.0
1.0
-3.5
0
MM5Z4V7
4.4
4.7
5.0
5.0
80
500
1.0
3.0
2.0
-3.5
0.2
MM5Z5V1
4.8
5.1
5.4
5.0
60
480
1.0
2.0
2.0
-2.7
1.2
MM5Z5V6
5.2
5.6
6.0
5.0
40
400
1.0
1.0
2.0
-2.0
2.5
MM5Z6V2
5.8
6.2
6.6
5.0
10
150
1.0
3.0
4.0
0.4
3.7
MM5Z6V8
6.4
6.8
7.2
5.0
15
80
1.0
2.0
4.0
1.2
4.5
MM5Z7V5
7.0
7.5
7.9
5.0
15
80
1.0
1.0
5.0
2.5
5.3
MM5Z8V2
7.7
8.2
8.7
5.0
15
80
1.0
0.7
5.0
3.2
6.2
MM5Z9V1
8.5
9.1
9.6
5.0
15
100
1.0
0.5
6.0
3.8
7.0
MM5Z10V
9.4
10.6
5.0
20
150
1.0
0.2
7.0
4.5
8.0
MM5Z11V
10.4
11
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
MM5Z12V
11.4
12
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
MM5Z13V
12.4
13
14.1
5.0
30
170
1.0
0.1
7.0
11.0
MM5Z15V
13.8
5.0
30
200
1.0
0.1
10.5
9.2
13.0
MM5Z16V
15.3
16
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
MM5Z18V
16.8
5.0
45
225
1.0
0.1
12.6
12.4
16.0
MM5Z20V
18.8
5.0
55
225
1.0
0.1
14.0
14.4
18.0
MM5Z22V
20.8
5.0
55
250
1.0
0.1
15.4
16.4
20.0
MM5Z24V
22.8
24
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
MM5Z27V
25.1
2.0
80
300
0.5
0.1
18.9
21.4
25.3
MM5Z30V
28.0
30
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
MM5Z33V
31.0
33
35.0
2.0
80
325
0.5
0.1
23.1
27.4
33.4
MM5Z36V
34.0
36
38.0
2.0
90
350
0.5
0.1
25.2
30.4
37.4
MM5Z39V
37.0
39
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
MM5Z43V
40.0
43
46.0
2.0
150
375
0.5
0.1
30.1
10.0
12.0
MM5Z47V
44.0
47
50.0
2.0
170
375
0.5
0.1
32.9
10.0
12.0
MM5Z51V
48.0
54.0
180
500
0.5
0.1
35.7
10.0
12.0
Notes: 1. Valid provided that device terrminals are kept at ambient temperature.
i
2. Test with pulses. period = 5 ms, pulse width = 300 µs
3. f = 1 K Hz
51
27
28.9
22
23.3
20
21.2
18
19.1
15
15.6
10
2.6
2.9
3.2
5.0
2.0
1.0
1.0
1.0
8.0
V7
V0
V2
Z11
Z12
Z13
Z14
Z15
Z16
Z17
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
Maximum Ratings @ TA = 25
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1),
Derate above 25
Pd
100
1.5
mW
mW /
Forward Voltage (Note 2) @ IF = 10 mA
VF
0.9
V
Thermal Resistance from Junction to Ambient (Note 1)
R JA
625
/ W
Operating and Storage Temperature Range
Tj , TSTG
-65 ~ +150
Note: 1. Valid provided that device terminals are kept at ambient temperature.
2. Short duration test pulse used in minimize self-heating effect.
3. f = 1 K Hz
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
VZ
Maximum
Zener Impedance (Note 3)
Maximum
Reverse Current
(Note 2)
Min
Nom
Max
@IZT
ZZT@IZT
ZZK@IZK
IR @ VR
Temperature
Coefficient of
Zener Voltage
@ IZT = 10 mA
mV /
Type
Number
Marking
Code
V
V
V
mA
mA
µA
V
Min
Max
Surface Mount Zener Diode
MM5Z Series
100mW, SOD-523
Elect ri cal Ch aract erist ics (TA = 25 C unless otherwise specified)
Zener Voltage Range (Note 2)
O
01-Jun-2002 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MM5Z4V3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z4V3 EIC-MM5Z4V3 Datasheet
109Kb / 2P
   ZENER DIODES
logo
Nanjing International G...
MM5Z4V3 DGNJDZ-MM5Z4V3 Datasheet
102Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
MM5Z4V3 LEIDITECH-MM5Z4V3 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
Weitron Technology
MM5Z4V3 WEITRON-MM5Z4V3 Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Nanjing International G...
MM5Z4V3 DGNJDZ-MM5Z4V3 Datasheet
115Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - MM5Z4V3

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com