Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1000R Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # B1000R
Description  10W, 5 VDC Input Compact, Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B1000R Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  B1000R Datasheet HTML 1Page - MicroPower Direct, LLC B1000R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
5 VDC Input
1500 VDC Isolation
10W Output Power
Tightly Regulated Dual Outputs
Meets EN55022 Class “A”
Low Cost
Electrical Specifications
Specifications typical @ +251C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
4.5
5.0
5.5
VDC
Input Filter
π (Pi) Filter (Complies with EN55022 Class A)
Reverse Polarity Input Current
2.0
A
Short Circuit Input Power
3,500
4,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
!0.5
!1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
!0.2
!0.5
%
Line Regulation
Vin = Min to Max
!0.1
%
Load Regulation
Iout = 10% to 100%
!0.15
%
Ripple & Noise (20 MHz)
20
30
mV P - P
Output Power Protection
150
%
Transient Recovery Time (Note 1)
25% Load Step Change
200
µSec
Transient Response Deviation
!4.0
%
Temperature Coefficient
!0.01
!0.02
%/1C
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
500
600
pF
Switching Frequency
270
280
290
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+71
1C
Storage Temperature Range
-40
+125
1C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
RFI
Six-Sided Shielded, Metal Case
Conducted EMI
EN55022 Class A
Physical
Case Size
2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.06 Oz (30g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 251C, Gnd Benign
700
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
-0.7
7.5
VDC
Internal Power Dissipation
5,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower
Direct
10W, 5 VDC Input
Compact, Dual Output
DC/DC Converters
B1000R Series
MicroPower Direct
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
WEB: www/micropowerdirect.com


Similar Part No. - B1000R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW_14 Datasheet
187Kb / 2P
   B1000RW SERIES
More results

Similar Description - B1000R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPV10RHI MPD-MPV10RHI Datasheet
779Kb / 4P
   Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
MPV1060 MPD-MPV1060 Datasheet
1Mb / 4P
   Compact, 6:1 Input PV Power 5 & 10W DC/DC Converters
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15 MURATA-BWR-15 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
MicroPower Direct, LLC
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
   Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A1100RW MPD-A1100RW Datasheet
171Kb / 2P
   Miniature, 10W DIP Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com