Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z5V1 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z5V1
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z5V1 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z5V1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z5V1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z5V1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
. RoHS Compliant
. Standard Zener Breakdown Voltage Range -2.0V to 75V
. Steady State Power Rating of 200 mW
. Small Body Outline Dimensions: 1.7 mm x 1.25 mm
. Low Body Height: 0.9 mm
. Package Weight: 4.507 mg/unit
. ESD Rating of Class 3 (>16 KV) per Human Body Model
Mechanical Data
. Case: SOD-323, Void-free, transfer-molded plastic
. Finish: All external surfaces are corrosion resistant
. Maximum Case Temperature For Soldering Purposes: 260
for 10 Seconds
. Polarity: Cathode indicated by polarity band
. Flammability Rating: UL94 V–0
. Mounting Position: Any
Outline
SOD-323 (SC-76)
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
All Dimensions in mm
Typical Characteristics
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
A
B
C
D
E
G
H
J
80
VZ, NOMINAL ZENER VOLTAGE
Figure 1. Effect of Zener Voltage on
Zener Impedance
10
3.0
1000
100
10
1.0
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
VF, FORWARD VOLTAGE (V)
Figure 2. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1.0
150
°C
75
°C 25°C
0
°C
01-Jun-2002 Rev. A
Page 2 of 3


Similar Part No. - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z5V1 DIOTEC-MM3Z5V1 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MM3Z5V1 YFWDIODE-MM3Z5V1 Datasheet
507Kb / 3P
   Silicon Planar Zener Diodes
logo
Shanghai Leiditech Elec...
MM3Z5V1 LEIDITECH-MM3Z5V1 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Weitron Technology
MM3Z5V1 WEITRON-MM3Z5V1 Datasheet
214Kb / 5P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z5V1 SECOS-MM3Z5V1 Datasheet
220Kb / 3P
   Standard Zener Breakdown Voltage 2.4V~39V 200mW Steady State Power Rating
More results

Similar Description - MM3Z5V1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com