Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5226B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBZ5226B
Description  Surface Mount Zener Voltage Regulator Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBZ5226B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBZ5226B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBZ5226B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBZ5226B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBZ5226B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MMBZ52xxx Series
300 mW SOT-23 Series
Surface Mount Zener Voltage Regulator Diodes
01-June-2005 Rev. B
Page 1 of 4
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Planar Die Construction
300 mW Power Dissipation on FR-4 PCB
General Purpose, Medium Current
Ideally Suited for Automated Assembly Process
MECHANICAL DATA
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams
Weight: 0.008 grams (approx.)
Marking : Marking Code (See Table On Page 2)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNITS
Maximum Forward Voltage Diode at IF = 100 mA
VF
1.0
V
Maximum Power Dissipation (Notes 1) at 25°C
PD
300
mW
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method) (Notes 2)
IFSM
4.0
Amps
Operating Junction and Storage Temperature Range
TJ
-55~150
1. Mounted on 5.0 mm
2 (.013mm thick) land areas. 2. Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
ELECTRICAL RATINGS
(Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Part
Number
Marking Code
Nom (V)
Min (V)
Max (V)
Ω
mA
Ω
mA
μA
V
300 mW Zener Diodes
MMBZ5221B
C1 / KC1
2.4
2.28
2.52
30
20.0
1200
0.25
100
1.0
MMBZ5222B
C2
2.5
2.38
2.63
30
20.0
1250
0.25
100
1.0
MMBZ5223B
C3 / KC3
2.7
2.57
2.84
30
20.0
1300
0.25
75
1.0
MMBZ5225B
C5 / KC5
3
2.85
3.15
30
20.0
1600
0.25
50
1.0
MMBZ5226B
D1 / KG1
3.3
3.14
3.47
28
20.0
1600
0.25
25
1.0
MMBZ5227B
D2 / KG2
3.6
3.42
3.78
24
20.0
1700
0.25
15
1.0
MMBZ5228B
D3 / KG3
3.9
3.71
4.10
23
20.0
1900
0.25
10
1.0
MMBZ5229B
D4 / KG4
4.3
4.09
4.52
22
20.0
2000
0.25
5.0
1.0
MMBZ5230B
D5 / KG5
4.7
4.47
4.94
19
20.0
1900
0.25
5.0
2.0
MMBZ5231B
E1 / KE1
5.1
4.85
5.36
17
20.0
1600
0.25
5.0
2.0
MMBZ5232B
E2 / KE2
5.6
5.32
5.88
11
20.0
1600
0.25
5.0
3.0
MMBZ5233B
E3 / KE3
6
5.7
6.3
7
20.0
1600
0.25
5.0
3.5
MMBZ5234B
8J / KE4
6.2
5.89
6.51
7
20.0
1000
0.25
5.0
4.0
MMBZ5235B
E5 / KE5
6.8
6.46
7.14
5
20.0
750
0.25
3.0
5.0
MMBZ5236B
F1 / KF1
7.5
7.13
7.88
6
20.0
500
0.25
3.0
6.0
MMBZ5237B
F2 / KF2
8.2
7.79
8.61
8
20.0
500
0.25
3.0
6.0
MMBZ5238B
F3 / KF3
8.7
8.27
9.14
8
20.0
600
0.25
3.0
6.5
MMBZ5239B
F4 / KF4
9.1
8.65
9.56
10
20.0
600
0.25
3.0
6.5
MMBZ5240B
F5 / KF5
10
9.50
10.50
17
20.0
600
0.25
3.0
8.0
MMBZ5241B
H1 / KH1
11
10.45
11.55
22
20.0
600
0.25
3.0
8.4
MMBZ5242B
H2 / KH2
12
11.40
12.60
30
20.0
600
0.25
2.0
9.1
MMBZ5243B
H3 / KH3
13
12.35
13.65
13
9.5
600
0.25
1.0
9.9
MMBZ5245B
H5 / KH5
15
14.25
15.75
16
8.5
600
0.25
0.5
11.0
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - MMBZ5226B

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5226B SKTECHNOLGY-MMBZ5226B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
MMBZ5226B PANJIT-MMBZ5226B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5226B BILIN-MMBZ5226B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5226B DIODES-MMBZ5226B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5226B FAIRCHILD-MMBZ5226B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5226B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com