Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM-C132 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # IPM-C132
Description  Miniature Integrated Power Monitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IPM-C132 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  IPM-C132 Datasheet HTML 1Page - JDS Uniphase Corporation IPM-C132 Datasheet HTML 2Page - JDS Uniphase Corporation IPM-C132 Datasheet HTML 3Page - JDS Uniphase Corporation IPM-C132 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• High reliability
• Compact footprint with ultra-wide bandwidth
• Extremely low wavelength dependent loss (WDL) and PDL
• Up to 10-channel arrays
JDSU miniature integrated power monitors are designed for channel monitoring
in dense wavelength division multiplexing (DWDM) systems and Add/Drop
modules. They can also be used for signal/pump power monitoring in erbium
doped fiber amplifiers (EDFAs) and Raman amplifiers where integrated solutions
tend to replace traditional fused fiber tap + photodiodes. The miniaturized
version is a high performance active hybrid device that incorporates a micro-optic
tap coupler and high-sensitivity InGaAs photodiode in a miniature package. It
offers high reliability, compact footprint with ultra-wide bandwidth, and very low
polarization dependent loss (PDL).
Applications
• EDFA
• Raman amplifiers
• Add/Drop monitoring
• DWDM systems
Miniature Integrated Power Monitor
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - IPM-C132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
   6mm Aluminum front bezel with strengthen glass
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
   Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
IPM-12 ETC2-IPM-12 Datasheet
710Kb / 2P
   Rugged construction and slim modularized design
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
   Rugged construction and slim modularized design
More results

Similar Description - IPM-C132

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0321KLX CUI-CMS0321KLX Datasheet
142Kb / 2P
   MINIATURE MONITOR SPEAKER
CMS0461KLX CUI-CMS0461KLX Datasheet
886Kb / 2P
   MINIATURE MONITOR SPEAKER
logo
OPLINK Communications I...
ITMA080520E2111G OPLINK-ITMA080520E2111G Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA4121000511 OPLINK-IWMA4121000511 Datasheet
219Kb / 2P
   Integrated WDM Monitor Arrays
ITMA OPLINK-ITMA Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
IWMA OPLINK-IWMA Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
IWMA-S0158 OPLINK-IWMA-S0158 Datasheet
188Kb / 2P
   Integrated WDM Monitor Array
ITMA-S0017 OPLINK-ITMA-S0017 Datasheet
212Kb / 2P
   Integrated TAP Monitor Arrays
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
   65A Power/Energy Monitor with Integrated Sense Resistor
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com