Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE27 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # P6KE27
Description  600W Peak Power / 5.0W Steady State 600W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P6KE27 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  P6KE27 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P6KE27 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P6KE27 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH P6KE27 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
P6KE SERIES
600W Peak Power TVS
600W Peak Power / 5.0W Steady State
VOLTAGE 6.8V ~ 440V
P6KE82
66.40
73.80
90.20
1
118.0
5.2
5
P6KE440
356.00
396.00
484.00
1
631.0
1.0
5
P6KE170
138.00
153.00
187.00
1
244.0
2.5
5
P6KE120
97.20
108.00
132.00
1
173.0
3.5
5
P6KE250
202.00
225.00
275.00
1
360.0
1.7
5
P6KE100
81.00
90.00
110.00
1
144.0
4.2
5
P6KE200
162.00
180.00
220.00
1
287.0
2.1
5
P6KE150
121.00
135.00
165.00
1
215.0
2.8
5
P6KE350
284.00
315.00
385.00
1
504.0
1.2
5
P6KE91
73.70
81.90
100.00
1
131.0
4.7
5
P6KE180
146.00
162.00
198.00
1
258.0
2.4
5
P6KE130
105.00
117.00
143.00
1
187.0
3.3
5
P6KE300
243.00
270.00
330.00
1
430.0
1.4
5
P6KE110
89.20
99.00
121.00
1
158.0
3.9
5
P6KE220
175.00
198.00
242.00
1
344.0
1.8
5
P6KE160
130.00
144.00
176.00
1
230.0
2.7
5
P6KE400
324.00
360.00
440.00
1
574.0
1.1
5
P6KE82A
70.10
77.90
86.10
1
113.0
5.4
5
P6KE440A
376.00
418.00
462.00
1
600.0
1.0
5
P6KE170A
145.00
162.00
179.00
1
234.0
2.6
5
P6KE120A
102.00
114.00
126.00
1
165.0
3.7
5
P6KE250A
214.00
237.00
263.00
1
344.0
1.8
5
P6KE100A
85.50
95.00
105.00
1
137.0
4.5
5
P6KE200A
171.00
190.00
210.00
1
274.0
2.2
5
P6KE150A
128.00
143.00
158.00
1
207.0
2.9
5
P6KE350A
300.00
332.00
368.00
1
482.0
1.3
5
P6KE91A
77.80
86.50
95.50
1
125.0
4.9
5
P6KE180A
154.00
171.00
189.00
1
246.0
2.5
5
P6KE130A
111.00
124.00
137.00
1
179.0
3.4
5
P6KE300A
256.00
285.00
315.00
1
414.0
1.5
5
P6KE110A
94.00
105.00
116.00
1
152.0
4.0
5
P6KE220A
185.00
209.00
231.00
1
328.0
1.9
5
P6KE160A
136.00
152.00
168.00
1
219.0
2.8
5
P6KE400A
342.00
380.00
420.00
1
548.0
1.1
5
TEST
CURRENT
IT
(mA)
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
UNI
DIRECTIONAL
PART
NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 4 of 4


Similar Part No. - P6KE27

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE27 PANJIT-P6KE27 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE27 ZSELEC-P6KE27 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P6KE27 PANJIT-P6KE27 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Microsemi Corporation
P6KE27 MICROSEMI-P6KE27 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Leshan Radio Company
P6KE27 LRC-P6KE27 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results

Similar Description - P6KE27

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Shanghai Semitech Semic...
P6KE440CA SEMITECH-P6KE440CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com